Electronic Components Datasheet Search
  English  ▼

X  

LM7332 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM7332
Description  Operational Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7332 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM7332 Datasheet HTML 7Page - Texas Instruments LM7332 Datasheet HTML 8Page - Texas Instruments LM7332 Datasheet HTML 9Page - Texas Instruments LM7332 Datasheet HTML 10Page - Texas Instruments LM7332 Datasheet HTML 11Page - Texas Instruments LM7332 Datasheet HTML 12Page - Texas Instruments LM7332 Datasheet HTML 13Page - Texas Instruments LM7332 Datasheet HTML 14Page - Texas Instruments LM7332 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
0
10
20
30
40
1
1.2
1.4
1.6
1.8
2
2.2
2.4
VS (V)
125°C
85°C
25°C
-40°C
VCM = V
-
+ 0.5V
0.1
1
10
100
1000
ISINK (mA)
0.001
0.01
0.1
1
10
-40°C
125°C
85°C
25°C
VS = 5V
-5
0
5
10
15
20
25
30
35
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
125°C
85°C
25°C
-40°C
VS = 30V
VS (V)
0
10
20
30
1.4
1.6
1.8
2
2.2
2.4
3.6
10
2.6
2.8
3
3.2
3.4
125°C
85°C
25°C
-40°C
VCM = V
-
+ 0.5V
-1
0
1
2
3
4
5
6
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
125°C
85°C
25°C
-40°C
VS = 5V
-1
1
3
5
7
9
11
13
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
125°C
85°C
25°C
-40°C
VS = 12V
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C.
Figure 13. IS vs VCM
Figure 14. IS vs VCM
Figure 15. IS vs VCM
Figure 16. IS vs Supply Voltage
Figure 18. Output Swing vs Sinking Current
Figure 17. IS vs Supply Voltage
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM7332


Similar Part No. - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MA NSC-LM7332MA Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MAX NSC-LM7332MAX Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MM NSC-LM7332MM Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MME NSC-LM7332MME Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
More results

Similar Description - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com