Electronic Components Datasheet Search
  English  ▼

X  

SWCS049L Datasheet(PDF) 109 Page - Texas Instruments

Part # SWCS049L
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049L Datasheet(HTML) 109 Page - Texas Instruments

Back Button SWCS049L Datasheet HTML 105Page - Texas Instruments SWCS049L Datasheet HTML 106Page - Texas Instruments SWCS049L Datasheet HTML 107Page - Texas Instruments SWCS049L Datasheet HTML 108Page - Texas Instruments SWCS049L Datasheet HTML 109Page - Texas Instruments SWCS049L Datasheet HTML 110Page - Texas Instruments SWCS049L Datasheet HTML 111Page - Texas Instruments SWCS049L Datasheet HTML 112Page - Texas Instruments SWCS049L Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 119 page
background image
109
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Device and Documentation Support
Copyright © 2010–2016, Texas Instruments Incorporated
Table 8-2. Detailed Revision History (continued)
Version
Literature Number
Date
Notes
(5)
TPS65911 Data Manual, SWCS049D - Version D:
•
Update Section 5.1:
•
Add VBACKUP
•
Voltage range on balls HDRST - Replace "VRTCMAX + 0.32 by "7"
•
Update Section 5.3:
•
Add VCC4 and VBACKUP
•
Input voltage range on pins or balls - Remove VCC4
•
Update Section 5.6: Change "HDRST programmable.." to "HDREST, PWRDN programmable.."
•
Update Section 5.14: Specify Input voltage range of VCC7
•
Update Section 5.15: Add discharge resistance
•
Update Section 5.16:
•
Add DC output voltage maximum value
•
Add discharge resistance
•
Update VGAIN_SEL test conditions and typ value
•
Update Section 5.17:
•
Add DC output voltage maximum value
•
Add discharge resistance
•
Update VGAIN_SEL test conditions
•
Update Section 5.18: Add tablenote to Rated output current 6000 mA
•
Update Section 5.23.1:
•
Update introductory statement
•
Add note to Figure 5-1
•
Align Parameters in Table 5-1 with Figure 5-1
•
Update Section 5.23.2: Add note toFigure 5-2
•
Update : Add J3 to AGND in Table 4-1
•
Update Section 6:
•
Update Table 6-1: VDD1 and VDD2 voltages
•
Device POWER ON enable conditions: Add additional device power enable condition
•
Device SLEEP enable conditions: Replace "... keeping the SLEEP signal floating, or ..." with "... keeping the SLEEP signal in the
active polarity state, or..."
•
Device reset scenarios: Replace "VCC7 < VBNPR" with " VDD7 < VBNPR and BB < VBNPR"
•
Update introduction for Table 6-2
•
Update Table 6-2: Remove all values in EEPROM Boot column
•
Update Table 6-3:
•
Remove all values in EEPROM Boot column
•
Update INT_MSK_REG.VMBHI_MSK description
•
Update Section 5.4: Pin count from 96 to 98
•
Update Section 6.13:
•
Update Table 6-37, Table 6-38, Table 6-40, and Table 6-41: SEL bit description
•
Update Table 6-67: Update VMBHI_IT_MSK bit description
•
Update Table 6-80: Update GPIO_SEL bit description - Replace LED1 out with PWM out
(6)
TPS65911 Data Manual, SWCS049E - Version E: Update .
(7)
TPS65911 Data Manual, SWCS049F - Version F:
•
Add Section 7.2.
•
Update Table 6-67: Update bit 1, VMBHI_IT_MSK description.
•
Update Section 6.3.1: Device reset scenarios: Replace "VDD7 < VBNPR" with " VCC7 < VBNPR"
•
Add Section 3.1.
D
SWCS049D
July 2011
See (5).
E
SWCS049E
July 2011
See (6).
F
SWCS049F
August 2011
See (7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com