Electronic Components Datasheet Search
  English  ▼

X  

TV06B5V0-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # TV06B5V0-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV06B5V0-HF Datasheet(HTML) 5 Page - Comchip Technology

  TV06B5V0-HF Datasheet HTML 1Page - Comchip Technology TV06B5V0-HF Datasheet HTML 2Page - Comchip Technology TV06B5V0-HF Datasheet HTML 3Page - Comchip Technology TV06B5V0-HF Datasheet HTML 4Page - Comchip Technology TV06B5V0-HF Datasheet HTML 5Page - Comchip Technology TV06B5V0-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
Comchip Technology CO., LTD.
QW-JTV02
REV:D
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
Index hole
d
E
F
B
W
P
P0
P1
A
SMD Transient Voltage Suppressor
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
1.969 (min)
3.67 ± 0.10
5.69 ± 0.10
1.55 ± 0.10
50.00 (min)
13.00 ± 0.20
4.50 (max)
330.00
0.224 ± 0.004
0.144 ± 0.004
0.177 (max)
0.061 ± 0.004
13.000
0.512 ± 0.008
DO-214AA
(SMB)
A
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
12.00 ± 0.30
18.40 (max)
SYMBOL
(mm)
(inch)
0.472 ± 0.012
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.724 (max)
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
5.50 ± 0.05
0.217 ± 0.002
DO-214AA
(SMB)
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV06B5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G Datasheet
1Mb / 4P
SMD TRANSLENT VOLTAGE SUPPRESSOR
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
SMD Transient Voltage Suppressor
More results

Similar Description - TV06B5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
SMD Transient Voltage Suppressor
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
SMD Transient Voltage Suppressor
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
SMD Transient Voltage Suppressor
logo
Formosa MS
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
SMD Transient Voltage Suppressor
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
SMD Transient Voltage Suppressor
logo
Comchip Technology
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com