Electronic Components Datasheet Search
  English  ▼

X  

PI3302-00-LGIZ Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI3302-00-LGIZ
Description  8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3302-00-LGIZ Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI3302-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 12Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Cool-Power®
Rev 2.0
vicorpower.com
Page 9 of 42
02/2016
800 927.9474
PI33xx-x0
PI3318-x0-LGIZ (1.8 VOUT) Electrical Characteristics
Unless otherwise specified: -55°C < TJ < 125°C, VIN =24 V, L1 = 155 nH [1]
[1] All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI33xx-x0 evaluation board with 3x4”
dimensions and 4 layer, 2 oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[2] Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control.
[3] Output current capability may be limited and other performance may vary from electrical characteristics when switching frequency or VOUT is modified.
[4] Refer to Output Ripple plots.
[5] Refer to Load Current vs. Ambient Temperature curves.
[6] Refer to Switching Frequency vs. Load current curves.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage
VIN_DC
Minimum 1 mA load required
8
24
36
V
Input Current
IIN_DC
VIN = 24 V, TC = 25°C, IOUT =10 A
835
mA
Input Current At Output Short
(fault condition duty cycle)
IIN_Short
[2]
20
mA
Input Quiescent Current
IQ_VIN
Disabled
2.0
mA
Enabled (no load)
2.5
mA
Input Voltage Slew Rate
VIN_SR
1
V/μs
Output Specifications
Output Voltage Total Regulation
VOUT_DC
[2]
1.773
1.8
1.827
V
Output Voltage Trim Range
VOUT_DC
[3]
1.4
2.0
V
Line Regulation
∆VOUT (∆VIN) @25°C, 8 V <VIN <36 V
0.10
%
Load Regulation
∆VOUT (∆IOUT) @25°C, 0.5 A <IOUT <10 A
0.10
%
Output Voltage Ripple
VOUT_AC
IOUT = 5 A, COUT = 6 x 100 μF, 20 MHz BW [4]
25
mVp-p
Continuous Output
Current Range
IOUT_DC
[5]
10
A
Current Limit
IOUT_CL
12
A
Protection
VIN UVLO Start Threshold
VUVLO_START
7.10
7.60
8.00
V
VIN UVLO Stop Threshold
VUVLO_STOP
6.80
7.25
7.60
V
VIN UVLO Hysteresis
VUVLO_HYS
0.33
V
VIN OVLO Start Threshold
VOVLO_START
37.0
38.4
V
VIN OVLO Stop Threshold
VOVLO_STOP
36.1
V
VIN OVLO Hysteresis
VOVLO_HYS
0.77
V
VIN UVLO/OVLO Fault Delay Time
tf_DLY
Number of the switching freq cycles
128
Cycles
VIN UVLO/OVLO Response Time
tf
500
ns
Output Overvoltage Protection
VOVP
Above VOUT
20
%
Overtemperature
Fault Threshold
TOTP
130
135
140
°C
Overtemperature
Restart Hysteresis
TOTP_HYS
30
°C


Similar Part No. - PI3302-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3302-00-LGIZ ETC2-PI3302-00-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 32P
   8 – 36VIN ZVS Buck Regulator Family
Rev 3.5 10/2023
More results

Similar Description - PI3302-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-20-LGIZ VICOR-PI3312-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3301-00-LGIZ VICOR-PI3301-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-20-LGIZ VICOR-PI3302-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-20-LGIZ VICOR-PI3311-20-LGIZ Datasheet
3Mb / 26P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com