Electronic Components Datasheet Search
  English  ▼

X  

PI3302-00-LGIZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3302-00-LGIZ
Description  8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3302-00-LGIZ Datasheet(HTML) 1 Page - Vicor Corporation

  PI3302-00-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3302-00-LGIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Cool-Power®
Rev 2.0
vicorpower.com
Page 1 of 42
02/2016
800 927.9474
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
Cool-Power®
PI33xx-x0
Product Description
The PI33xx-x0 is a family of high efficiency, wide input range
DC-DC ZVS-Buck regulators integrating controller, power
switches, and support components all within a high density
System-in-Package (SiP). The integration of a high performance
Zero-Voltage Switching (ZVS) topology, within the PI33xx-x0
series, increases point of load performance providing best in class
power efficiency. The PI33xx-x0 requires only an external inductor
and minimal capacitors to form a complete DC-DC switching
mode Buck Regulator.
The ZVS architecture also enables high frequency operation while
minimizing switching losses and maximizing efficiency. The high
switching frequency operation reduces the size of the external
filtering components, improves power density, and enables very
fast dynamic response to line and load transients. The PI33xx-x0
series sustains high switching frequency all the way up to the
rated input voltage without sacrificing efficiency and, with its 20
ns minimum on-time, supports large step down conversions up to
36 Vin.
*I2C is a trademark of NXP Semiconductors
Features & Benefits
High Efficiency ZVS-Buck Topology
Wide input voltage range of 8 V to 36 V
Very-Fast transient response
High accuracy pre-trimmed output voltage
User adjustable soft-start & tracking
Power-up into pre-biased load (select versions)
Parallel capable with single wire current sharing
Input Over/Undervoltage Lockout (OVLO/UVLO)
Output Overvoltage Protection (OVP)
Overtemperature Protection (OTP)
Fast and slow current limits
-40°C to 125°C operating range (TJ)
Optional I2C functionality & programmability:
n
n
VOUT margining
n
n
Fault reporting
n
n
Enable and SYNCI pin polarity
n
n
Phase delay (interleaving multiple regulators)
Applications
Rugged, defense applications
High efficiency systems
High voltage battery operation
Package Information
10 mm x 14 mm x 2.6 mm LGA SiP
10.5 mm x 14.5 mm x 2.6 mm BGA SiP
Device
Output Voltage
IOUT Max
Set
Range
PI3311-x0
1.0 V
1.0 to 1.4 V
10 A
PI3318-x0
1.8 V
1.4 to 2.0 V
10 A
PI3312-x0
2.5 V
2.0 to 3.1 V
10 A
PI3301-x0
3.3 V
2.3 to 4.1 V
10 A
PI3302-x0
5.0 V
3.3 to 6.5 V
10 A
PI3303-x0
12 V
6.5 to 13.0 V
8 A
PI3305-x0
15 V
10.0 to 16.0 V
8 A


Similar Part No. - PI3302-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3302-00-LGIZ ETC2-PI3302-00-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 32P
   8 – 36VIN ZVS Buck Regulator Family
Rev 3.5 10/2023
More results

Similar Description - PI3302-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-20-LGIZ VICOR-PI3312-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3301-00-LGIZ VICOR-PI3301-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-20-LGIZ VICOR-PI3302-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-20-LGIZ VICOR-PI3311-20-LGIZ Datasheet
3Mb / 26P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com