Electronic Components Datasheet Search
  English  ▼

X  

PI3543-00-LGIZ Datasheet(PDF) 7 Page - Vicor Corporation

Part # PI3543-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3543-00-LGIZ Datasheet(HTML) 7 Page - Vicor Corporation

Back Button PI3543-00-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 7 of 37
02/2016
800 927.9474
PI354x-00
PI354x-00 Common Electrical Characteristics
Specifications apply for -40°C <TJ < 125°C, VIN = 48 V, EN = High, VVDR = 5.1 V +/- 2%, L1 = 340 nH [1] unless other conditions are noted.
[1]
All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI354x evaluation board with 2.5 x 4”
dimensions and 4 layer, 2 oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[2]
Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control. Output voltage is
determined by an external feedback divider ratio.
[3]
Output current capability may be limited and other performance may vary from noted electrical characteristics when Vout is not set to nominal.
[4]
Refer to Output Ripple plots.
[5]
Refer to Load Current vs. Ambient Temperature curves.
[6]
Refer to Switching Frequency vs. Load current curves.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Differential Amp
Open Loop Gain
96
120
140
dB
Small Signal Gain-bandwidth
5
7
12
MHz
Offset
-1
0.5
1
mV
Common Mode Input Range
-0.1
2.5
V
Differential Mode Input Range
2
V
Input Bias Current
-1
1
µA
Maximum VOUT
IDIFF = -1 mA
VVDR -0.2
V
Minimum VOUT
20
mV
Capacitive Load Range for Stability
0
50
pF
Slew Rate Rising
11
V/µsec
Slew Rate Falling
11
V/µsec
Sink/Source Current
-1
1
mA
Current Source Function (LGH)
Reference
95
100
105
mV
Input Offset
0.5
mV
Gain-Bandwidth Product
3
MHz
Internal Feedback Capacitance
20
pF
Gain Amp
Gain
10
V/V
Intermediate Reference
1
V
Gain-Bandwidth Product
3
MHz
Transconductance
1
mS
Output Current Capability
Sink current only
1
mA
PGD
PGD Rising Threshold
VPG_HI%
[2]
79
85
91
% VOUT_DC
PGD Falling Threshold
VPG_LO%
[2]
77
83
89
% VOUT_DC
PGD Output Low
VPG_SAT
Sink = 4 mA [2]
0.4
V
PGD Sink Current
IPG_SAT
[2]
4
mA


Similar Part No. - PI3543-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 40P
36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3543-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com