Electronic Components Datasheet Search
  English  ▼

X  

PI3543-00-LGIZ Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI3543-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3543-00-LGIZ Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI3543-00-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3543-00-LGIZ Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 8 of 37
2/2016
800 927.9474
PI354x-00
PI3542-00 (2.5 VOUT) Electrical Characteristics
Specifications apply for -40°C <TJ < 125°C, VIN = 48 V, VVDR = 5.1 V +/- 2%, L1 = 340 nH [1] unless other conditions are noted.
[1]
All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI354x evaluation board with 2.5 x 4”
dimensions and 4 layer, 2 oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[2]
Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control. Output voltage is
determined by an external feedback divider ratio.
[3]
Output current capability may be limited and other performance may vary from noted electrical characteristics when Vout is not set to nominal.
[4]
Refer to Output Ripple plots.
[5]
Refer to Load Current vs. Ambient Temperature curves.
[6]
Refer to Switching Frequency vs. Load current curves.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage
VIN_DC
36
48
60
V
Input Current
IIN_DC
VIN = 48 V, TC = 25°C, IOUT = 10 A
0.597
A
Input Current At Output Short
(fault condition duty cycle)
IIN_Short
Short at terminals
3.1
-
mA
Input Quiescent Current
IQ_VIN
Disabled
1.27
mA
Enabled (no load)
2.42
Input Voltage Slew Rate
VIN_SR
1
V/µs
Output Specifications
EAIN Voltage Total Regulation
VOUT_DC
[2]
0.985
1.00
1.015
V
Output Voltage Trim Range
VOUT_DC
[2][3]
2.2
2.5
3.0
V
Line Regulation
∆VOUT(∆VIN)
@ 25°C, 36 V <VIN <60 V
0.10
%
Load Regulation
∆VOUT(∆IOUT) @ 25°C, 0.5 A <IOUT <10 A
0.10
%
Output Voltage Ripple
VOUT_AC
IOUT = 10 A, COUT = 6 x 100 µF, 20 MHz BW [4]
47
mVp-p
Output Current
IOUT_DC
[5]
0
10
A
Current Limit
IOUT_CL
L1 = 340 nH ±1%
-
12
-
A
Protection
Input UVLO Start Threshold
VUVLO_START
33.8
34.8
35.8
V
Input UVLO Stop Hysteresis
VUVLO_HYS
0.9
V
Input UVLO Response Time
1.25
usec
Input OVLO Stop Threshold
VOVLO
62
64.3
66.2
V
Input OVLO Start Hysteresis
VOVLO_HYS
1.3
V
Input OVLO Response Time
tf
1.25
usec
Output Overvoltage Protection
VOVP
Above set VOUT
20
%
Overtemperature Fault Threshold
TOTP
130
°C
Ovetemperature Restart Hysteresis
TOTP_HYS
30
°C
Timing
Switching Frequency
fS
[6] 48 VIN to 2.5 VOUT, 3 A out, L1 = 30 nH ±1%
-
400
-
kHz
Fault Restart Delay
tFR_DLY
30
ms
Sync In (SYNCI)
Synchronization Frequency Range
∆fSYNCI
Relative to set switching frequency [3]
50
110
%
SYNCI Threshold
VSYNCI
VVDR/2
V


Similar Part No. - PI3543-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 40P
36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3543-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com