Electronic Components Datasheet Search
  English  ▼

X  

PI3545-00-LGIZ Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI3545-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3545-00-LGIZ Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI3545-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3545-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3545-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3545-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3545-00-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3545-00-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3545-00-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3545-00-LGIZ Datasheet HTML 12Page - Vicor Corporation PI3545-00-LGIZ Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 9 of 37
02/2016
800 927.9474
PI354x-00
PI3542-00 (2.5 VOUT) Electrical Characteristics
Specifications apply for -40°C <TJ < 125°C, VIN = 48 V, VVDR = 5.1 V +/- 2%, L1 = 340 nH [1] unless other conditions are noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Sync Out (SYNCO)
SYNCO High
VSYNCO_HI
Source 1 mA
VVDR –0.5
V
SYNCO Low
VSYNCO_LO
Sink 1 mA
0.5
V
SYNCO Rise Time
tSYNCO_RT
20 pF load
10
ns
SYNCO Fall Time
tSYNCO_FT
20 pF load
10
ns
Soft Start, Tracking and Error Amplifier
TRK Active Range (Nominal)
VTRK
0
1.08
V
TRK Enable Threshold
VTRK_OV
20
40
60
mV
TRK to EAIN Offset
VEIAN_OV
50
80
110
mV
Charge Current (Soft – Start)
ITRK
-70
-50
-30
µA
Discharge Current (Fault)
ITRK_DIS
VTRK = 0.5 V
10
mA
Soft-Start Time
tSS
CTRK = 0
0.6
.94
1.6
mS
Error Amplifier Trans-Conductance
GMeao
[2]
5.1
ms
PSM Skip Threshold
PSMSKIP
[2]
0.8
V
Error Amplifier Output Impedance
ROUT
[2]
1
MOhm
Internal Compensation Capacitor
Chf
[2]
56
pf
Internal Compensation Resistor
Rzi
[2]
5k
Ohm
Enable
High Threshold
VEN_HI
0.9
1
1.1
V
Low Threshold
VEN_LO
0.7
0.8
0.9
V
Threshold Hysteresis
VEN_HYS
100
200
300
mV
Enable Pull-Up Voltage
(floating, no faulted)
VEN_PU
2
V
Enable Pull-Down Voltage
(floating, fault)
VEN_PD
0
V
Source Current
IEN_SO
-50
µA
Sink Current
IEN_SK
50
µA
[1]
All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI354x evaluation board with 2.5 x 4”
dimensions and 4 layer, 2 oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[2]
Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control. Output voltage is
determined by an external feedback divider ratio.
[3]
Output current capability may be limited and other performance may vary from noted electrical characteristics when Vout is not set to nominal.
[4]
Refer to Output Ripple plots.
[5]
Refer to Load Current vs. Ambient Temperature curves.
[6]
Refer to Switching Frequency vs. Load current curves.


Similar Part No. - PI3545-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 40P
36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3545-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com