Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 1 Page - Vicor Corporation

  PI3546-00-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 1 of 37
02/2016
800 927.9474
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Cool-Power®
PI354x-00
Product Description
The PI354x-00 is a family of high input voltage, wide input
range DC-DC ZVS-Buck regulators integrating controller,
power switches, and support components all within a high
density System-in-Package (SiP). The integration of a high-
performance Zero-Voltage Switching (ZVS) topology, within
the PI354x-00 series, increases point of load performance
providing best in class power efficiency. The PI354x-00
requires only an external inductor, two voltage selection
resistors and minimal capacitors to form a complete DC-DC
switching mode buck regulator.
PI354x-00 Family can operate in constant voltage output for
typical buck regulation applications in addition to constant
current output for LED lighting and battery
charging applications.
Features
High Efficiency HV ZVS-Buck Topology
Wide input voltage range of 36 V to 60 V
Very fast transient response
Constant voltage or constant current operation
Constant current error amplifier and reference
Power-up into pre-biased load
Parallel capable with single wire current sharing
Two phase interleaving
Input Over/Undervoltage Lockout (OVLO/UVLO)
Output Overvoltage Protection (OVP)
Overtemperature Protection (OTP)
Fast and slow current limits
Differential amplifier for output remote sensing
User adjustable soft-start & tracking
-40°C to 125°C operating range (TJ)
Applications
HV to PoL Buck Regulator Applications
Computing, Communications, Industrial,
Automotive Equipment
Constant current output operation:
LED Lighting
Battery Charging
Package Information
10 mm x 10 mm x 2.6 mm LGA SiP
Device
Output Voltage
IOUT Max
Set
Range
PI3542-00-LGIZ
2.5 V
2.2 V to 3.0 V
10 A
PI3543-00-LGIZ
3.3 V
2.6 V to 3.6 V
10 A
PI3545-00-LGIZ
5.0 V
4.0 V to 5.5 V
10 A
PI3546-00-LGIZ
12 V
6.5 V to 14 V
9 A


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com