Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 12Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 13Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 14Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 11 of 37
02/2016
800 927.9474
PI354x-00
Load Current vs. Ambient Temperature, 0 LFM
Ambient Temperature (°C)
36 Vin
48 Vin
60 Vin
0
2
4
6
8
10
12
50
75
100
125
Figure 7 — Load Current vs. Ambient Temperature, 0 LFM
Load Current vs. Ambient Temperature, 200 LFM
Ambient Temperature (°C)
36 Vin
48 Vin
60 Vin
0
2
4
6
8
10
12
50
75
100
125
Figure 8 — Load Current vs. Ambient Temperature, 200 LFM
Load Current vs. Ambient Temperature, 400 LFM
Ambient Temperature (°C)
36 Vin
48 Vin
60 Vin
0
2
4
6
8
10
12
50
75
100
125
Figure 9 — Load Current vs. Ambient Temperature, 400 LFM
PI3542-00 (2.5 VOUT) Electrical Characteristics
V(EAO) Volts
I
OUT @ VIN = 36 V
I
OUT @ VIN = 48 V
I
OUT @ VIN = 60 V
Output Current vs. Error Voltage V(EAO)
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
Figure 10 — Output Current vs. Error Voltage V(EAO)
V(EAO) Volts DC
req_OUT_DCM @ V
IN = 36 V
req_OUT_DCM @ V
IN = 48 V
req_OUT_DCM @ V
IN = 60 V
req_OUT_CrCM @ V
IN = 60 V
req_OUT_CrCM @ V
IN = 36 V
req_OUT_CrCM @ V
IN = 48 V
0
5
10
15
20
25
30
35
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0123
Output Equivalent Resistance vs.
Error Voltage V(EAO)
Figure 12 — Output Equivalent Resistance vs.Error Voltage V(EAO)
V(EAO) Volts
g
mod @ VIN = 36 V
g
modT @ VIN = 48 V
g
mod @ VIN = 60 V
Modulator Gain vs. Error Voltage (VEAO)
0
1
2
3
4
5
6
7
8
0123
Figure 11 — Modulator Gain vs. Error Voltage (VEAO)


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com