Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 25 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 25 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 21Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 22Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 23Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 24Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 25Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 26Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 27Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 28Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 25 of 37
02/2016
800 927.9474
PI354x-00
Output Overvoltage Protection
The PI354x-00 family is equipped with output Overvoltage
Protection (OVP) to prevent damage to input voltage
sensitive devices. If the output voltage exceeds 20% of its set
regulated value, the regulator will complete the current cycle
and stop switching. The system will resume operation once
the output voltage falls below the OVP threshold and after
Fault Restart Delay.
Overtemperature Protection
The internal package temperature is monitored to prevent
internal components from reaching their thermal maximum.
If the Overtemperature Protection Threshold (OTP) is
exceeded (TOTP), the regulator will complete the current
switching cycle, enter a low power mode and will soft-start
when the internal temperature falls below Over-Temperature
Restart Hysteresis (TOTP_HYS).
Pulse Skip Mode (PSM)
PI354x-00 features a PSM to achieve high efficiency at light
loads. The regulators are setup to skip pulses if EAO falls
below a PSM threshold. Depending on conditions and
component values, this may result in single pulses or several
consecutive pulses followed by skipped pulses. Skipping
cycles significantly reduces gate drive power and improves
light load efficiency. The regulator will leave PSM once the
EAO rises above the Skip Mode threshold.
Variable Frequency Operation
Each PI354x-00 is preprogrammed to a base operating
frequency, with respect to the power stage inductor (see
Table 2), to operate at peak efficiency across line and load
variations. At low line and high load applications, the base
frequency will decrease to accommodate these extreme
operating ranges. By stretching the frequency, the ZVS
operation is preserved throughout the total input line voltage
range therefore maintaining optimum efficiency.
Parallel Operation
Paralleling modules can be used to increase the output
current capability of a single power rail and when
interleaved, reduce output voltage ripple.
The PI354x-00 can support a maximum number of two
interleaved modules. A higher number of modules (up to six
maximum) may be connected in parallel without
interleaving or synchronization. A user may connect three
groups of two phase interleaved modules together,
for example.
By connecting the EAO pins and SGND pins of each module
together the units will share the current equally,
independent of synchronization or interleaving. When the
TRK pins of each unit are connected together, the units will
track each other during soft-start. All units EN pins have to
be released together to allow the units to start
(See Figure 50). A fault event occurring in any regulator will
disable the other regulators.
To provide synchronization between regulators over a
limited operational frequency range, the Power Good (PGD)
pin must be connected to the lead regulator’s (#1) SYNCI pin
and a 2.4 kΩ Resistor, R1, must be placed between SYNCO
(#2) return and the lead regulator’s SYNCI (#1) pin, as shown
in Figure 50. In this configuration, at system soft-start, the
PWRGD pin pulls SYNCI low forcing the lead regulator to
initialize the open-loop startup synchronization. Once the
regulators reach regulation, SYNCI is released and the system
is now synchronized in a closed-loop configuration which
allows the system to adjust, on the fly, when any of the
individual regulators begin to enter variable frequency mode
in the loop. The closed loop method is effective in
maintaining synchronization if the switching frequency
varies to 75% of each regulators programmed switching
frequency. If the application requires synchronization over a
wider range, please contact Applications Support.
Application Description
Output Voltage Set Point
The PI354x-00 family of Buck Regulators utilizes an internal
1 V reference. The output voltage setting is accomplished
using external resistors as shown in Figure 51. Select R2 to be
at or around 1 k for best noise immunity. Use equations (1)
and (2) to determine the proper value based on the desired
output voltage.
Figure 50 — PI354x-00 parallel operations
Vin
Vout
Cin
Cout
L1
(#1)
VOUT
VS1
LGH
TRK
EAIN
EAO
COMP
VSN
VSP
VDIFF
PI354X
EN
VIN
SYNCI
PGND
SYNCO
PWRGD
TESTx
VDR
SGND
Vin
Cin
Cout
L1
(#2)
VOUT
VS1
LGH
TRK
EAIN
EAO
COMP
VSN
VSP
VDIFF
PI354X
EN
VIN
SYNCI
PGND
SYNCO
PWRGD
TESTx
VDR
SGND
R1
SYNCO #2
SYNCI #2
EN #2
SYNCO #1
EN #1
EAO #1
TRK #2
TRK #1
To R1
EAO #2
Figure 51 — External resistor divider network
EAO
EAIN
+
-
Vref
COMP
+
-
100mV
LGH
Vout
Rzi
Chf
R1
R2


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com