Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 26 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 26 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 22Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 23Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 24Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 25Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 26Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 27Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 28Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 30Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 26 of 37
2/2016
800 927.9474
PI354x-00
Soft-Start Adjust and Tracking
The TRK pin offers a means to increase the regulator’s soft-
start time or to track with additional regulators. The soft-
start slope is controlled by an internal capacitor and a fixed
charge current to provide a Soft-Start Time tSS for all
PI354x-00 regulators. By adding an additional external
capacitor to the TRK pin, the soft-start time can be increased
further. The following equation can be used to calculate the
proper capacitor for a desired soft-start times:
CTRK = (tTRK • ITRK ) – 47 • 10-9,
Where, tTRK is the soft-start time and ITRK is a 50 μA internal
charge current (see Electrical Characteristics for limits).
There is typically either proportional or direct tracking
implemented within a design. For proportional tracking
between several regulators at startup, simply connect all
PI354x-00 device TRK pins together. This type of tracking
will force all connected regulators to startup and reach
regulation at the same time (see Figure 52a).
For Direct Tracking, choose the PI354x-00 with the highest
output voltage as the master and connect the master to the
TRK pin of the other PI354x-00 regulators through a divider
(Figure 53) with the same ratio as the slave’s
feedback divider.
All connected PI354x-00 regulator soft-start slopes will track
with this method. Direct tracking timing is demonstrated in
Figure 52b. All tracking regulators should have their Enable
(EN) pins connected together to work properly.
Inductor Pairing
The PI354x-00 utilizes an external inductor. This inductor
has been optimized for maximum efficiency performance.
Table 2 details the specific inductor value and part number
utilized for each PI354x-00.
Thermal De-rating
Thermal de-rating curves are provided that are based on
component temperature changes versus load current, input
voltage and air flow. It is recommended to use these curves
as a guideline for proper thermal de-rating. These curves
represent the entire system and are inclusive to both the
Picor regulator and the external inductor. Maximum thermal
operation is limited by either the MOSFETs or inductor
depending upon line and load conditions.
Thermal measurements were made using a standard
PI354x-00 Evaluation board which is 2.5 x 4 inches in area
and uses 4-layer, 2oz copper. Thermal measurements were
made on the three main power devices, the two internal
MOSFETs and the external inductor, with air flows of 0, 200,
and 400 LFM.
Small Signal Model - Constant Voltage Mode
The PI354X product family is a variable frequency CCM/DCM
ZVS Buck Regulator. The small signal model for this
powertrain is that of a voltage controlled current source
which has a trans-conductance that varies depending on the
operating mode. When the converter is operating at its
normal frequency, it is in discontinuous mode. As the load
increases to the point at which the boundary between
Figure 52 — PI354x-00 tracking methods
(b)
(a)
2
OUT
V
OUT
Master V
2
OUT
V
1
OUT
V
t
Figure 53 — Voltage divider connections for direct tracking
OUT
Master V
R1
R2
TRK
SGND
x
PI3
Slave
Table 2 — PI354x-00 Inductor pairing
Device
Inductor
(nH)
Inductor
Part Number
Manufacturer
PI3542-00
340
FPT1006-340-R
Eaton
PI3543-00
420
HCV1206-R42-R
Eaton
PI3545-00
420
HCV1206-R42-R
Eaton
PI3546-00
900
HCV1206-R90-R
Eaton
V
OUT = Vref
(1)
(R1 + R2)
R2
R1 = –R2
(2)
(Vref – V
OUT)
Vref
where, Vref = 1 V


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com