Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 27 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 27 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 23Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 24Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 25Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 26Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 27Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 28Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 30Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 31Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
discontinuous and continuous modes is reached, the
powertrain changes frequency to remain in critical
conduction mode. This mode of operation allows the
PI354x-00 product family to have a very simple
compensation scheme, as the control to output transfer
function always has a slope of -1. In addition, when critical
conduction is reached, the voltage controlled current source
becomes nearly ideal with a high output
equivalent resistance.
The control to output transfer function of the PI354x-00
product family is defined as the gain from the output of the
error amplifier , through the modulator and to the output
voltage. The transfer function equation is shown in
Equation (3), where gMOD is assumed to be 7S, rEQ = 0.4
Ohms, COUT = 600 μF and Rload = 1 Ohm:
The Control-Output transfer function (also known as the
small signal modulator gain) has a single pole response
determined by the parallel combination of Rload and rEQ
and the output capacitor Cout. Equation (4) determines the
frequency of the modulator pole:
Figure 55 depicts the small signal response of the modulator
when perturbing EAO and measuring the differential gain
and phase from EAO to VOUT.
Error Amplifier
The small signal model of the error amplifier and
compensator is shown in Figure 56. The error amplifier is a
trans-conductance amplifier (TCA). The transfer function is
shown in Equation (5), where in this example R1 = 2.3k, R2 =
1k, GMeao = 5.1mS, ROUT = 1Meg, Chf = 56 pF, Ccomp = 4.7 nF
and Rzi = 5 k. Here it is important to note that the external
components are Ccomp, R1 and R2. The other components
are internal to each specific model. See the data tables
section “Soft Start, Tracking And Error Amplifier” for details.
Cool-Power®
Rev 1.3
vicorpower.com
Page 27 of 37
02/2016
800 927.9474
PI354x-00
Figure 54 — PI354X Small Signal Model Control-Output
Veao
Rload
Cout
rEQ
gMOD
Vout
Figure 55 — PI354X Control-Output Gain/Phase Example
1
10
100
1000
10000
100000
60
40
20
0
20
100
80
60
40
20
0
Gain - dBV
Phase-Degrees
Frequency- Hz
Figure 56 — PI354X Error Amplifier Model
Rzi
Veao
GMeao
Ccomp
Rout
Chf
Vout
R1
R2
Figure 57 — PI354X Input-Control Gain/Phase
1
10
100
1000
10000
100000
1000000
20
40
60
80
100
80
60
40
20
0
Gain - dBV
Phase-Degrees
Frequency- Hz
Gco(s) =
(3)
gMOD
1
Rload
1
rEQ
+
+ s (C
OUT)
Fpmod =
(4)
1
Rload • rEQ
Rload + rEQ
2 • π •
• C
OUT


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com