Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 28 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 28 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 24Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 25Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 26Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 27Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 28Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 30Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 31Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 32Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 28 of 37
2/2016
800 927.9474
PI354x-00
The transfer function of the error amplifier and compensator
(also known as the Input To Control transfer function)
reveals the response of a Type II amplifier with a low
frequency pole determined by Equation (6), a zero which sets
the mid-band gain determined by Equation (7) and a high
frequency pole determined by Equation (8). Figure 58 shows
the calculated Input To Control transfer function. Multiplying
Equation (3) by Equation (5) ; described by Equation (9),
results in the total loop gain (also known as the Output To
Input transfer function). A graph is shown in Figure 58. The
strategy is to set the zero such that the mid-band gain allows
a high crossover frequency while providing maximum phase
boost at crossover, with proper gain and phase margin.
Lighting Mode (LGH)
The Lighting (LGH) mode allows the PI354x-00 product
family to be able to operate in constant current mode (CC) so
that it can support a wide range of applications that require
the ability to regulate current or voltage. Primary
applications are LED lighting, battery / super-capacitor
charging and high peak current pulse transient load
applications. The PI354x-00 product family can operate in
dual modes, either as a constant voltage (CV) regulator or a
constant current (CC) regulator. Both modes can be utilized
in a single system. The PI354x-00 family has a separate
current amplifier, called LGH, and built in 100 mV lighting
reference that has its output connected to the EAO pin
internally. If the current through an external shunt starts to
develop 100 mV at the LGH pin, the LGH amplifier will take
over regulation by pulling down on the EAO output until the
current is in regulation according to the designed shunt
value. The LGH amplifier is a sink only trans-conductance
amplifier (TCA). It does not source current. In the event of an
open LED string or open current signal, the voltage loop can
be set to regulate the output voltage to a safe or desired value
in CV mode.
When using the CC mode, it is important to set R1 and R2
appropriately to avoid voltage loop interaction with the
current loop. In this case, the voltage setting at the EAIN pin
should be set so that the error between it and the 1 V
reference is sufficient to force the EAO to be open loop and
source current always. When not using the LGH amplifier,
the LGH pin should be connected to SGND.
The LGH amplifier is able to sink more current than the error
amplifier can source, thus avoiding arbitration issues when
transitioning back and forth from LGH mode to voltage
mode. The equation for setting the source current for EAO is
shown in Equation (10).
Figure 58 — PI354X Output-Input Gain/Phase
1
10
100
1000
10000
100000
1000000
50
0
50
100
0
50
100
150
Gain - dBV
Phase-Degrees
Frequency- Hz
Ginctl(s) = GMeao •
(5)
R
OUT + s (Rzi • Ccomp • ROUT)
R2
R1 + R2
1 + s • (Ccomp + Chf) + s2 • (Chf • Ccomp • Rzi)
Fplf =
= 33 Hz
(6)
1
2 • π • (Rzi + R
OUT) • (Ccomp + Chf)
Fzmb =
= 6.8 kHz
(7)
1
2 • π • (Rzi // R
OUT) • Ccomp
Fphf =
= 580 kHz
(8)
Chf + Ccomp
2 • π • (Rzi // R
OUT) • Ccomp • Chf
Goutin(s) = Gco(s) • Ginctl(s)
(9)
Figure 59 — Lighting Configuration Using CC Mode
Vin
Vout
Cin
Cout
L1
VOUT
VS1
LGH
TRK
EAIN
EAO
COMP
VSN
VSP
VDIFF
PI354X
EN
VIN
SYNCI
PGND
SYNCO
PWRGD
TESTx
VDR
SGND
Rshunt
R1
R2
Rlgh
RC
Ieao = (Veain – Vref) • Gmea > 400 μA
(10)


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com