Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 29 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 29 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 25Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 26Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 27Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 28Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 30Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 31Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 32Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 33Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 29 of 37
02/2016
800 927.9474
PI354x-00
LGH Amplifier Small Signal Model
A small signal model of the LGH amplifier is shown in
Figure 60.
The LGH amplifier consists of three distinct stages. The first is
a wide bandwidth integrator stage, followed by a fixed gain
level shift circuit. Finally, the level shift circuit drives a trans-
conductance (TCA) amplifier with an open collector sink
only output stage. Since the LGH output is internally
connected to the output of the voltage error amplifier, the
compensation components show up in the model and are
used by both stages, depending on which one is in use. Only
one stage should be in use at a time. When using LGH or if
the LGH input rises above the internal reference, the voltage
error amplifier acts as a 400uA current source pull up for the
EAO pin.
Figure 61 shows a small signal model of the modulator gain
when using the application circuit shown in Figure 59 with
two 3.4 V high current LED’s in series. RLED is the series
combination of the AC resistance of each LED, which is 0.2
Ohms. Rshunt is used to sense the current through the LED
string. It has a value of 0.050 Ohms in this case. The other
component values were defined earlier and remain the same
values. Equation (11) defines the transfer function of the
modulator and Equation (12) defines the pole of transfer
function. The transfer function of the LGH amplifier is
defined in Equation (13). The open loop gain of Eint is 2500
and ELS = 4.4.
Figure 60 — LGH Amplifier Small Signal Model
Vlgh
Rzi
Eint
Cint
ELS
GMlgh
400 u
leao
Chf
Rzi
Ccomp
Rout
Veao
Figure 61 — Lighting Application Modulator Gain Model
Rshunt
Vout
gMOD
rEQ
Cout
RLED
Veao
Vlgh
Fpled =
= 1.2 kHz
(12)
1
2 • π • ((RLED + Rshunt))//reQ) • C
OUT
Glgheao(s) = Eint (s) = • ELS • GMlgh •
(13)
Fphf =
= 580 kHz
(14)
Chf + Ccomp
2 • π • (Rzi // R
OUT) • Ccomp • Chf
Gled(s) = gMOD • (rEQ • Rshunt)/((Rshunt + RLED + rEQ) + s (C
OUT • rEQ • RLED+Rshunt • rEQ • COUT))
(11)
R
OUT + s (Rzi • Ccomp • ROUT)
1 + s • (Ccomp+Chf) + s2 • (Chf • Ccomp • Rzi)
The integrator pole is determined by the external input resistor Rlgh and the internal Cint, which is 20 pF. Assuming Rlgh = 100 k
and Eint = 2500:


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com