Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 30 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 30 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 26Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 27Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 28Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 30Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 31Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 32Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 33Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 34Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Figure 62 is the Bode plot of the Gled(s) transfer function,
which in LGH mode is what needs to be compensated for by
the LGH amplifier and compensator. This transfer function
defines the gain and phase from the error amplifier output
(EAO) to the current shunt Rshunt. Figure 65 is a plot of the
transfer function Glgheao(s), which defines the gain and
phase from the LGH pin (voltage across current sensing
Rshunt) to EAO. As shown in Equation (13), the output is
dependent on the integrator stage and the following trans-
conductance stage. Figures 63 and 64 show the two
individual sections that make up Equation (13) which
produces Glgheao(s).
The GMlgh(s) plot is from integrator to EAO with the voltage
loop open and sourcing 400uA of current.
When combining Figure 63 with Figure 64, it becomes clear
that additional compensation is needed to have enough
phase and gain margin like can be seen with the voltage loop
plot. We can remedy that easily, by adding a series R-C in
parallel with Rlgh as shown in the lighting application
diagram in Figure 59. The capacitor will be chosen to work
with Rlgh to add a zero approximately 1.2 kHz before the
zero provided by the GMlgh(s) transfer function (the trans-
conductance stage of the LGH amplifier). This value will be
chosen to be 270 pF. The external added resistor will form a
high frequency pole to roll the gain off at higher frequency.
This pole will be set at approximately 120 kHz so a common
4.99 k resistor will be used. The resulting Bode plot with the
new compensator of Glgheao(s) can be seen in Figure 66.
Figure 67 shows the final Bode plot of the loop gain when
using a lighting application with LED’s operating in constant
current mode. Note that it is very important to understand
the AC resistance of the LED’s that are being used. Please
consult the LED manufacturer for details. For a series string,
you should add the individual LED resistances and combine
them into one lumped value to simplify the analysis.
Cool-Power®
Rev 1.3
vicorpower.com
Page 30 of 37
2/2016
800 927.9474
PI354x-00
Figure 65 — Glgheao(s) Gain/Phase Plot Rlgh = 100k
1
10
100
1000
10000
100000
1000000
50
0
50
100
150
150
100
50
0
Gain - dBV
Phase-Degrees
Frequency- Hz
Figure 63 — Eint(s) Gain/Phase Plot Rlgh = 100k
1
10
100
1000
10000
100000
40
20
0
20
40
60
80
100
80
60
40
20
0
Gain - dBV
Phase-Degrees
Frequency- Hz
Figure 64 — GMlgh(s) Gain/Phase Plot Voltage Loop Open
1
10
100
1000
10000
100000
1000000
0
20
40
60
80
100
80
60
40
20
0
Gain - dBV
Phase-Degrees
Frequency- Hz
Figure 62 — Gled(s) Gain/Phase Plot
1
10
100
1000
10000
100000
80
60
40
20
0
100
80
60
40
20
0
Gain - dBV
Phase-Degrees
Frequency- Hz


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com