Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 32 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 32 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 28Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 30Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 31Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 32Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 33Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 34Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 35Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 36Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 32 of 37
2/2016
800 927.9474
PI354x-00
VDR Bias Regulator
The VDR internal bias regulator is a ZVS switching regulator
that resides internal to the PI354x-00 product family. It is
intended strictly for use to power the internal controller and
driver circuitry. The power capability of this regulator is sized
only for the PI354x-00, with adequate reserve for the
application it was intended for. It may be used for as a pull-
up source for open collector applications and for other very
low power use with the following restrictions:
1.
No direct connection is allowed. Any noise source that
can disturb the VDR voltage can also affect the internal
controller operation.
2.
All loads must be locally de-coupled using a 0.1 μF
ceramic capacitor. This capacitor must be connected to
the VDR output through a series resistor no smaller than
1 k. which forms a loss pass filter and limits the total
current to 5 mA.
System Design Considerations
1.
Inductive loads- As with all power electronic applications,
consideration must be given to driving inductive loads
that may be exposed to a fault in the system which could
result in consequences beyond the scope of the power
supply primary protection mechanisms. An inductive
load could be a filter, fan motor or even excessively long
cables. Consider an instantaneous short circuit through
an un-damped inductance that occurs when the output
capacitors are already at an initial condition of fully
charged. The only thing that limits the current is the
inductance of the short circuit and any series resistance.
Even if the power supply is off at the time of the short
circuit, the current could ramp up in the external
inductor and store considerable energy. The release of this
energy will result in considerable ringing, with the
possibility of ringing nodes connected to the output
voltage below ground. The system designer should plan
for this by considering the use of other external circuit
protection such as load switches, fuses, and transient
voltage protectors. The inductive filters should be
critically damped to avoid excessive ringing or damaging
voltages. Adding a high current Schottky diode from the
output voltage to PGND close to the PI354x-00 is
recommended for these applications.
2.
Low voltage operation – there is no isolation from an
SELV (Safety-Extra-Low-Voltage) power system. Powering
low voltage loads from input voltages as high as 60 V may
require additional consideration to protect low voltage
circuits from excessive voltage in the event of a short
circuit from input to output. A fast TVS (transient voltage
suppressor) gating an external load switch is an example
of such protection.
3.
Use of Lighting Mode (LGH) as a battery charger is
certainly very feasible. It is fashionable to design these
chargers such that the battery is always connected to it.
Since the Buck topology is not isolated, shorting the input
terminals or capacitors of an unpowered
regulator/charger could allow damaging current flow
through the body diode of the high side MOSFET that
would be unprotected by a conventional input fuse. It is
recommended to connect the PI354x-00 family to the
battery using an active ORing device if LGH mode is used
as a constant current battery charger. The same should be
considered for super-capacitor applications as well.


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com