Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 33 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 33 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 30Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 31Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 32Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 33Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 34Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 35Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 36Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 37Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 33 of 37
02/2016
800 927.9474
PI354x-00
Device
VIN
(V)
ILOAD
(A)
CINPUT
Ceramic
X5R
COUTPUT
Ceramic
X5R
CINPUT
Ripple
Current
(IRMS)
COUTPUT
Ripple
Current
(IRMS)
Input
Ripple
(mVpp)
Output
Ripple
(mVpp)
Transient
Deviation
(mVpk)
Recovery
Time
(µs)
Load
Step
(A)
(Slew/µs)
PI3542
48
10
5 x 2.2 µF
100 V
6 x 100 µF
0.7
1.32
416
47
-/+80
40
5
(1 A/µs)
5
220
22
PI3543
48
10
5 x 2.2 µF
100 V
6 x 100 µF
0.8
1.3
464
61.6
-/+90
40
5
(1 A/µs)
5
230
31
PI3545
48
10
5 x 2.2 µF
100 V
6 x 47 µF
.88
1.37
485
62
-/+150
40
5
(1 A/µs)
5
245
32
PI3546
48
9
5 x 2.2 µF
100 V
6 x 10 µF
1.12
1.26
880
114
-/+300
20
5
(1 A/µs)
4.5
125
33
Table 3 — Recommended input and output capacitance
Table 4 — Capacitor manufacturer part numbers
Murata Part Number
Description
C3225X7S1H1106M250AB
2.2 µF 100 V 1210 X7R
C3225X7S1H106M250AB
10 µF 50 V 1210 X7R
GRM31CR60J107ME39L
100 µF 6.3 V 1206 X7R
GRM31CR61A476ME15L
47 µF 10 V 1206 X5R
GRM32ER61H106MA12
10 µF 50 V 1210 X7R
Layout Guidelines
To optimize maximum efficiency and low noise performance
from a PI354x-00 design, layout considerations are necessary.
Reducing trace resistance and minimizing high current loop
returns along with proper component placement will
contribute to optimized performance.
A typical buck converter circuit is shown in Figure 68. The
potential areas of high parasitic inductance and resistance
are the circuit return paths, shown as LR below.
The path between the COUT and CIN capacitors is of
particular importance since the AC currents are flowing
through both of them when Q1 is turned on. Figure 69,
schematically, shows the reduced trace length between input
and output capacitors. The shorter path lessens the effects
that copper trace parasitics can have on the PI354x-00
performance.
When Q1 is on and Q2 is off, the majority of CIN’s current is
used to satisfy the output load and to recharge the COUT
capacitors. When Q1 is off and Q2 is on, the load current is
supplied by the inductor and the COUT capacitor as shown in
Figure 70. During this period CIN is also being recharged by
the VIN. Minimizing CIN loop inductance is important to
reduce peak voltage excursions when Q1 turns off. Also, the
difference in area between the CIN loop and COUT loop is vital
to minimize switching and GND noise.
IN
C
IN
V
IN
V
OUT
C
Figure 68 — Typical Buck Regulator
OUT
C
NV
OUT
C
NV
I
NV
C
Figure 69 — Current flow: Q1 closed
OUT
C
NV
C
OUT
C
NV
I
NV
C
Figure 70 — Current flow: Q2 closed


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com