Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 35 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 35 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 29Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 30Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 31Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 32Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 33Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 34Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 35Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 36Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 37Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 35 of 37
02/2016
800 927.9474
PI354x-00
Package Drawings
PACKAGE BOTTOM VIEW
PACKAGE TOP VIEW
PACKAGE SIDE VIEW
DETAIL A
DETAIL B
NOTES
‘e’ REPRESENTS THE BASIC TERMINAL PITCH. SPECIFIES THE TRUE
GEOMETRI C POSITION OF THE TERMI NAL AXIS.
DIMENSIO N ‘b’ APPLIES TO METALLIZED PAD OPENING.
DIMENSIO N ‘A’ INCLUDES PACKAG E WARPAGE.
EXPOSED METALLIZED PADS ARE CU PADS WI TH SURFACE FINISH
PROTECTIO N.
ALL DIMENSIONS IN MILLIMETERS.
D
E
PIN 1
INDEX
PAD OPENING
b
L
L1
PIN 1 INDEX
D1
E1
1
e
SEE NOTES
SEE NO TES
DETAI L A
MOLD CAP
SUBSTRATE
A
SEATING
PLANE
PAD OPENING
SOLDER MASK
A2
A1
3
1
2
3
4
B
A
aaa C
C
aaa C
5
bbb C
/
/
ddd
C
M
B
A
C
eee M
2
ddd
C
M
B
A
C
eee M
b
L
e
SEE NOTES
1
4x
DIMENSIONS
10.00 BSC
10.00 BSC
9.00 BSC
9.00 BSC
1.00 BSC
MAX
2.63
0.04
2.59
0.60
0.60
0.275
0.10
0.10
0.08
0.10
0.08
SYMBOL
A
A1
A2
b
L
D
E
D1
E1
e
L1
aaa
bbb
ccc
ddd
eee
NOM
2.56
0.55
0.55
0.225
MIN
2.49
0.50
0.50
0.175
DATUM A
DATUM B
DETAI L B


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com