Electronic Components Datasheet Search
  English  ▼

X  

PI3546-00-LGIZ Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI3546-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3546-00-LGIZ Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI3546-00-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3546-00-LGIZ Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 6 of 37
2/2016
800 927.9474
PI354x-00
Package Pin-Out
Pin Description
Block 1:
VIN; K9-10, J9-10, H9-10, G9-10
Block 2:
VS1; K1-7
Block 3:
PGND; H1-7, G1-7,F1-7, E2-8, D2-8, C2-5
Block 4:
SGND; D9, C6-9, B4-9, A7
85 Pad LGA Sip (10 mm x 10mm)
(Top through view)
Name
Location
I/O
Description
VS1
Block 2 (See Pkg
Pin-Out dwg)
I/O
Switching node: and ZVS sense for power switches.
VIN
Block 1
I
Input voltage: and sense for UVLO, OVLO and feed forward ramp.
VDR
1E
I/O
Gate Driver VCC : Internally generated 5.1 V. May be used as reference or low power bias supply
for up to 2 mA. Must be impedance limited by the user.
SYNCI
1D
I
Synchronization input: Synchronize to the falling edge of external clock frequency. SYNCI is a
high impedance digital input node and should always be connected to SGND when not in use.
SYNCO
1C
O
Synchronization output: Outputs a high signal for ½ of the minimum period for synchronization
of other regulators.
TESTx
1B, 1A, 2B, 2A
I/O
Test Connections: Use only with factory guidance. Connect to SGND for proper operation.
PWRGD
3A
O
Power Good: High impedance when regulator is operating and VOUT is in regulation. May also be
used as “Parallel Good” – see applications section.
EN
4A
I
Enable Input: Regulator enable control. Asserted high or left floating – regulator enabled;
asserted low, regulator output disabled.
TRK
5A
I
Soft-start and track input: An external capacitor may be connected between TRK pin and SGND
to decrease the rate of rise during soft-start.
LGH
6A
I
Lighting (LGH)/Constant Current (CC) Sense Input: Input with a 100 mV threshold. Used for
lighting and constant current type applications.When not using the constant current mode
(CC mode), the LGH pin should be connected to SGND.
COMP
8A
O
Compensation Capacitor: Connect capacitor for control loop dominant pole.
EAO
9A
O
Error amp output: External connection for additional compensation and current sharing.
EAIN
10A
I
Error Amp Inverting Input: Connection for the feedback divider tap.
VDIFF
10B
O
Independent Amplifier Output: If unused connect in unity gain with VSP connected to SGND.
VSN
10C
I
Independent Amplifier Inverting Input
VSP
10D
I
Independent Amplifier Non-Inverting Input
VOUT
9E, 10E
I/O
Output voltage: and sense for power switches and feed-forward ramp.
SGND
Block 4
-
Signal ground: Internal logic ground for EA, TRK, SYNCI, SYNCO communication returns. SGND
and PGND are star connected within the regulator package.
PGND
Block 3
-
Power ground: VIN and VOUT power returns.


Similar Part No. - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3546-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com