Electronic Components Datasheet Search
  English  ▼

X  

MB91F587LA Datasheet(PDF) 131 Page - SPANSION

Part # MB91F587LA
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LA Datasheet(HTML) 131 Page - SPANSION

Back Button MB91F587LA Datasheet HTML 127Page - SPANSION MB91F587LA Datasheet HTML 128Page - SPANSION MB91F587LA Datasheet HTML 129Page - SPANSION MB91F587LA Datasheet HTML 130Page - SPANSION MB91F587LA Datasheet HTML 131Page - SPANSION MB91F587LA Datasheet HTML 132Page - SPANSION MB91F587LA Datasheet HTML 133Page - SPANSION MB91F587LA Datasheet HTML 134Page - SPANSION MB91F587LA Datasheet HTML 135Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 177 page
background image
D at aS h ee t
128
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
(3) Power-on Conditions
(TA: Recommended operating conditions, VSS=0.0V)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min Typ Max
Level detection
voltage
-
VCC5
-
2.1
2.3
2.5
V
When turning
on power
Level detection
hysteresis width
-
VCC5
-
-
-
125
mV
During voltage
drop
Level detection
time
-
-
-
-
-
30
μs
*1
Slope detection
undetected
standard
-
VCC5 VCC= at level detection
release level
-
-
4
mV/μs *2
Power off time
tOFF
VCC5
-
50
-
-
ms
*3
*1: If the fluctuation of the power supply is faster than the low-voltage detection time, there is the possibility to
generate or release after the power supply voltage has exceeded the detection voltage range.
*2: When setting the power supply fluctuation to this standard or less, it is possible to suppress the slope
detection. This is the standard when the power supply fluctuation is stable.
*3: This time is to start the slope detection at next power on after power down and internal charge loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com