Electronic Components Datasheet Search
  English  ▼

X  

MB91F587LA Datasheet(PDF) 138 Page - SPANSION

Part # MB91F587LA
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LA Datasheet(HTML) 138 Page - SPANSION

Back Button MB91F587LA Datasheet HTML 134Page - SPANSION MB91F587LA Datasheet HTML 135Page - SPANSION MB91F587LA Datasheet HTML 136Page - SPANSION MB91F587LA Datasheet HTML 137Page - SPANSION MB91F587LA Datasheet HTML 138Page - SPANSION MB91F587LA Datasheet HTML 139Page - SPANSION MB91F587LA Datasheet HTML 140Page - SPANSION MB91F587LA Datasheet HTML 141Page - SPANSION MB91F587LA Datasheet HTML 142Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
135
CONFIDENTIAL
(4-1-4) SPI compatible (SCR:SPI=1) and serial clock output signal detect level "L"(SMR:SCINV=1)
(TA: Recommended operating conditions, VCC =5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit Remarks
Min
Max
Serial clock cycle
time
tSCYC
SCK0 to SCK4,
SCK3_1,SCK4_1
Master mode
CL=50pF
4tCPP
-
ns
SCK ↓ ⇒ SOT
delay time
tSLOVI
SCK0 to SCK4,
SCK3_1,SCK4_1,
SOT0 to SOT4,
SOT3_1,SOT4_1
-30
+30
ns
Valid SIN ⇒ SCK ↑
setup time
tIVSHI
SCK0 to SCK4,
SCK3_1, SCK4_1,
SIN0 to SIN4,
SIN3_1, SIN4_1
30
-
ns
SCK ↑ ⇒ Valid SIN
hold time
tSHIXI
0
-
ns
SOT ⇒ SCK ↑
delay time
tSOVHI
SCK0 to SCK4,
SCK3_1,SCK4_1,
SOT0 to SOT4,
SOT3_1,SOT4_1
2tCPP-30
-
ns
Serial clock
"H" pulse width
tSHSL
SCK0 to SCK4,
SCK3_1,SCK4_1,
SOT0 to SOT4,
SOT3_1,SOT4_1
Slave mode
CL=50pF
tCPP+10
-
ns
Serial clock
"L" pulse width
tSLSH
2tCPP-10
-
ns
SCK ↓ ⇒ SOT
delay time
tSLOVE
SCK0 to SCK4,
SCK3_1,SCK4_1,
SOT0 to SOT4,
SOT3_1,SOT4_1
-
30
ns
Valid SIN ⇒ SCK ↑
setup time
tIVSHE SCK0 to SCK4,
SCK3_1, SCK4_1,
SIN0 to SIN4,
SIN3_1, SIN4_1
10
-
ns
SCK ↑ ⇒ Valid SIN
hold time
tSHIXE
20
-
ns
SCK fall time
tF
SCK0 to SCK4,
SCK3_1, SCK4_1
SCK0 to SCK4,
SCK3_1,SCK4_1
-
5
ns
SCK rise time
tR
-
5
ns
Notes: • This is the AC characteristic in CLK synchronized mode.
•
CL is the load capacitance applied to pins during testing.
•
The maximum baud rate is limited by the internal operation clock used and other parameters.
See Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com