Electronic Components Datasheet Search
  English  ▼

X  

MB91F587LA Datasheet(PDF) 163 Page - SPANSION

Part # MB91F587LA
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LA Datasheet(HTML) 163 Page - SPANSION

Back Button MB91F587LA Datasheet HTML 159Page - SPANSION MB91F587LA Datasheet HTML 160Page - SPANSION MB91F587LA Datasheet HTML 161Page - SPANSION MB91F587LA Datasheet HTML 162Page - SPANSION MB91F587LA Datasheet HTML 163Page - SPANSION MB91F587LA Datasheet HTML 164Page - SPANSION MB91F587LA Datasheet HTML 165Page - SPANSION MB91F587LA Datasheet HTML 166Page - SPANSION MB91F587LA Datasheet HTML 167Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 177 page
background image
D at aS h ee t
160
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
(2) Definition of Terms
•
Resolution:
Analog variation that is recognized by an A/D converter.
•
Linearity error :
Deviation of the actual conversion characteristics from a straight line that connects the
zero transition point ("0000 0000 0000"←→"0000 0000 0001") to the full-scale
transition point ("1111 1111 1110"←→"1111 1111 1111").
•
Differential linearity error:
Deviation of the input voltage from the ideal value that is required to
change the output code by 1LSB.
Linearity error
Differential linearity error
Linearity error of digital output N =
VNT - {1LSB×(N-1) + VOT}
[LSB]
1LSB
Differential linearity error of digital output N = V(N + 1)T - VNT -1 LSB
[LSB]
1LSB
1LSB =
VFST - VOT
[V]
4094
VOT: Voltage at which the digital output changes from "000 H" to "001H".
VFST: Voltage at which the digital output changes from "FFE H" to "FFFH".
AVSS
(AVRL)
AVRH
AVRH
Actual conversion
characteristics
{1 LSB (N - 1) + VOT}
AVSS
(AVRL)
VFST
VNT
VOT (Actually-measured value)
V(N+1)T
VNT
Ideal characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Ideal characteristics
(Actually-measured value)
(Actually-
measured
value)
(Actually-measured value)
Analog input
Analog input
(Actually-measured
value)
N - 1
N - 2
N
N + 1
FFF
FFE
FFD
004
003
002
001
(3) Notes on Using A/D Converter
<About the output impedance of the analog input of external circuit>
When the external impedance is too high, the sampling time for analog voltages may not be sufficient.
In this case, it is recommended to connect the capacitor (approx. 0.1
µF) to the analog input pin.
•
Analog input circuit model
R
C
12bit A/D
1.9kΩ (max)
8.30pF (max) (4.5V Avcc 5.5V)
Note: Listed values must be considered as reference values.
R
C
Sampling ON
Comparator
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com