Electronic Components Datasheet Search
  English  ▼

X  

LM3406 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3406
Description  Constant Current, Buck Regulator for Driving High Power LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3406 Datasheet(HTML) 2 Page - Texas Instruments

  LM3406_15 Datasheet HTML 1Page - Texas Instruments LM3406_15 Datasheet HTML 2Page - Texas Instruments LM3406_15 Datasheet HTML 3Page - Texas Instruments LM3406_15 Datasheet HTML 4Page - Texas Instruments LM3406_15 Datasheet HTML 5Page - Texas Instruments LM3406_15 Datasheet HTML 6Page - Texas Instruments LM3406_15 Datasheet HTML 7Page - Texas Instruments LM3406_15 Datasheet HTML 8Page - Texas Instruments LM3406_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
DAP
SW
SW
BOOT
NC
VOUT
CS
GND
VIN
VIN
VCC
VINS
RON
COMP
DIM
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LM3406, LM3406HV, LM3406HV-Q1
SNVS512E – SEPTEMBER 2008 – REVISED MARCH 2014
www.ti.com
3.1 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
3.1 CONNECTION DIAGRAM
LM3406 family
14-Lead Exposed Pad Plastic TSSOP Package
See Package Number PWP0014A
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1,2
SW
Switch pin
Connect these pins to the output inductor and Schottky diode.
3
BOOT
MOSFET drive bootstrap pin
Connect a 22 nF ceramic capacitor from this pin to the SW pins.
4
NC
No Connect
No internal connection. Leave this pin unconnected.
5
VOUT
Output voltage sense pin
Connect this pin to the output node where the inductor and the first LED's
anode connect.
6
CS
Current sense feedback pin
Set the current through the LED array by connecting a resistor from this pin
to ground.
7
GND
Ground pin
Connect this pin to system ground.
8
DIM
Input for PWM dimming
Connect a logic-level PWM signal to this pin to enable/disable the power
MOSFET and reduce the average light output of the LED array. Logic high
= output on, logic low - output off.
9
COMP
Error amplifier output
Connect a 0.1 µF ceramic capacitor with X5R or X7R dielectric from this pin
to ground.
10
RON
On-time control pin
A resistor connected from this pin to VIN sets the regulator controlled on-
time.
11
VCC
Output of the internal 7V linear
Bypass this pin to ground with a minimum 0.1 µF ceramic capacitor with
regulator
X5R or X7R dielectric.
12
VINS
Input voltage PWM dimming
Connect this pin to the anode of the input diode to allow dimming by PWM
comparator input
of the input voltage
13,14
VIN
Input voltage pin
Nominal operating input range for this pin is 6V to 42V (LM3406) or 6V to
75V (LM3406HV, LM3406HV-Q1).
DAP
DAP
Thermal Pad
Connect to ground. Place 4-6 vias from DAP to bottom layer ground plane.
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM3406 LM3406HV LM3406HV-Q1


Similar Part No. - LM3406_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
National Semiconductor ...
LM3406HV NSC-LM3406HV Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406HV NSC-LM3406HV Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406HV TI1-LM3406HV Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406HVMH NSC-LM3406HVMH Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3406_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com