Electronic Components Datasheet Search
  English  ▼

X  

LM3406 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3406
Description  Constant Current, Buck Regulator for Driving High Power LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3406 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3406_15 Datasheet HTML 3Page - Texas Instruments LM3406_15 Datasheet HTML 4Page - Texas Instruments LM3406_15 Datasheet HTML 5Page - Texas Instruments LM3406_15 Datasheet HTML 6Page - Texas Instruments LM3406_15 Datasheet HTML 7Page - Texas Instruments LM3406_15 Datasheet HTML 8Page - Texas Instruments LM3406_15 Datasheet HTML 9Page - Texas Instruments LM3406_15 Datasheet HTML 10Page - Texas Instruments LM3406_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LM3406, LM3406HV, LM3406HV-Q1
www.ti.com
SNVS512E – SEPTEMBER 2008 – REVISED MARCH 2014
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 7. Current Limit vs VIN, LM3406
Figure 8. Current Limit vs VIN, LM3406HV/LM3406HV-Q1
Figure 9. VCC vs VIN
Figure 10. VO-MAX vs VIN, LM3406
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3406 LM3406HV LM3406HV-Q1


Similar Part No. - LM3406_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
National Semiconductor ...
LM3406HV NSC-LM3406HV Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406HV NSC-LM3406HV Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406HV TI1-LM3406HV Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406HVMH NSC-LM3406HVMH Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3406_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com