Electronic Components Datasheet Search
  English  ▼

X  

OXK581 Datasheet(PDF) 3 Page - BOWEI Integrated Circuits CO.,LTD.

Part # OXK581
Description  Low phase noise,Anti-vibration OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

OXK581 Datasheet(HTML) 3 Page - BOWEI Integrated Circuits CO.,LTD.

  OXK581 Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD. OXK581 Datasheet HTML 2Page - BOWEI Integrated Circuits CO.,LTD. OXK581 Datasheet HTML 3Page - BOWEI Integrated Circuits CO.,LTD. OXK581 Datasheet HTML 4Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933252
2
OXK581 series Low phase noise,Anti-vibration OCXO
Note: The following phase noise are the worse one among three axis at 1KHz offset frequency
Phase noise vs. Offset frequency @100MHz/Random
RMS acceleration G =7.56 g
rms
RMS acceleration G =6.06 g
rms
Phase noise vs. Offset frequency @100MHz/Random
vibration method A
vibration method B
Phase noise vs. Offset frequency @100MHz/Random
RMS acceleration G =11.95 g
rms
RMS acceleration G =9.26 g
rms
Phase noise vs. Offset frequency @100MHz/Random
vibration method C
vibration method D
Phase noise vs. Offset frequency @120MHz/Random
RMS acceleration G =7.56 g
rms
RMS acceleration G =6.06 g
rms
Phase noise vs. Offset frequency @120MHz/Random
vibration method A
vibration method B
37


Similar Part No. - OXK581

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
   Low phase noise,Anti-vibration OCXO
More results

Similar Description - OXK581

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
   Low phase noise,Anti-vibration OCXO
logo
Advanced XTAL Products
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
   Low Phase Noise OCXO in Vibration-isolated Package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
   Low Phase Noise OCXO
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
   Ultra‐Low Phase Noise OCXO
Rev01 2012-01-28
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
   Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
   Ultra-Low Phase Noise OCXO
AXPLO2700 AXTAL-AXPLO2700 Datasheet
207Kb / 4P
   Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
AXIOM5050M AXTAL-AXIOM5050M Datasheet
158Kb / 4P
   Low Phase Noise OCXO with Multiple Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com