Electronic Components Datasheet Search
  English  ▼

X  

OXK581 Datasheet(PDF) 4 Page - BOWEI Integrated Circuits CO.,LTD.

Part # OXK581
Description  Low phase noise,Anti-vibration OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

OXK581 Datasheet(HTML) 4 Page - BOWEI Integrated Circuits CO.,LTD.

  OXK581 Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD. OXK581 Datasheet HTML 2Page - BOWEI Integrated Circuits CO.,LTD. OXK581 Datasheet HTML 3Page - BOWEI Integrated Circuits CO.,LTD. OXK581 Datasheet HTML 4Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933252
OXK581 series Low phase noise,Anti-vibration OCXO
Note: The following phase noise are the worse one among three axis at 1KHz offset frequency
Phase noise vs. Offset frequency @120MHz/Random
RMS acceleration G =11.95 g
rms
RMS acceleration G =9.26 g
rms
Phase noise vs. Offset frequency @120MHz/Random
vibration method C
vibration method D
Note
1.No less than 1uF electrolytic capacitor and 0.01~0.1uF ceramic capacitor are recommended to be used on
power supply.
2.Vibration absorptive material can be used outside OCXO to improve phase noise performance under vibration
3.See package section for detial information of outline drawings.
Application Notes
Random Vibration Method
Method
GJB 360A method 214 condition1-B
C
GJB 360A method 214 condition1-D
GJB 360A method 214 condition1-C
D
B
A
GJB 1032 random vibration test method
1.In phase noise performance curve, the upper curve is the performance under vibration
the lower one is under static.
2.All phase noise curves showed above are the worse one of three axis at 1KHz offset frequency
3.Phase noise performance depend on vibration method, please give your method when order.
38


Similar Part No. - OXK581

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
   Low phase noise,Anti-vibration OCXO
More results

Similar Description - OXK581

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
   Low phase noise,Anti-vibration OCXO
logo
Advanced XTAL Products
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
   Low Phase Noise OCXO in Vibration-isolated Package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
   Low Phase Noise OCXO
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
   Ultra‐Low Phase Noise OCXO
Rev01 2012-01-28
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
   Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
   Ultra-Low Phase Noise OCXO
AXPLO2700 AXTAL-AXPLO2700 Datasheet
207Kb / 4P
   Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
AXIOM5050M AXTAL-AXIOM5050M Datasheet
158Kb / 4P
   Low Phase Noise OCXO with Multiple Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com