Electronic Components Datasheet Search
  English  ▼

X  

LM741C-MWC Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM741C-MWC
Description  Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741C-MWC Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM741C-MWC Datasheet HTML 3Page - Texas Instruments LM741C-MWC Datasheet HTML 4Page - Texas Instruments LM741C-MWC Datasheet HTML 5Page - Texas Instruments LM741C-MWC Datasheet HTML 6Page - Texas Instruments LM741C-MWC Datasheet HTML 7Page - Texas Instruments LM741C-MWC Datasheet HTML 8Page - Texas Instruments LM741C-MWC Datasheet HTML 9Page - Texas Instruments LM741C-MWC Datasheet HTML 10Page - Texas Instruments LM741C-MWC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM741
www.ti.com
SNOSC25D – MAY 1998 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The LM74 devices are general-purpose operational amplifiers which feature improved performance over industry
standards like the LM709. It is intended for a wide range of analog applications. The high gain and wide range of
operating voltage provide superior performance in integrator, summing amplifier, and general feedback
applications. The LM741 can operate with a single or dual power supply voltage. The LM741 devices are direct,
plug-in replacements for the 709C, LM201, MC1439, and 748 in most applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Overload Protection
The LM741 features overload protection circuitry on the input and output. This prevents possible circuit damage
to the device.
7.3.2 Latch-up Prevention
The LM741 is designed so that there is no latch-up occurrence when the common-mode range is exceeded. This
allows the device to function properly without having to power cycle the device.
7.3.3 Pin-to-Pin Capability
The LM741 is pin-to-pin direct replacements for the LM709C, LM201, MC1439, and LM748 in most applications.
Direct replacement capabilities allows flexibility in design for replacing obsolete parts.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM741


Similar Part No. - LM741C-MWC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LM741C INTERSIL-LM741C Datasheet
72Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Harris Corporation
LM741C HARRIS-LM741C Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
National Semiconductor ...
LM741CH NSC-LM741CH Datasheet
213Kb / 8P
Operational Amplifier
May 1998
logo
Texas Instruments
LM741CH TI1-LM741CH Datasheet
365Kb / 11P
LM741 Operational Amplifier
LM741CH TI1-LM741CH Datasheet
746Kb / 15P
Operational Amplifier
More results

Similar Description - LM741C-MWC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com