Electronic Components Datasheet Search
  English  ▼

X  

LM741C-MWC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM741C-MWC
Description  Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741C-MWC Datasheet(HTML) 1 Page - Texas Instruments

  LM741C-MWC Datasheet HTML 1Page - Texas Instruments LM741C-MWC Datasheet HTML 2Page - Texas Instruments LM741C-MWC Datasheet HTML 3Page - Texas Instruments LM741C-MWC Datasheet HTML 4Page - Texas Instruments LM741C-MWC Datasheet HTML 5Page - Texas Instruments LM741C-MWC Datasheet HTML 6Page - Texas Instruments LM741C-MWC Datasheet HTML 7Page - Texas Instruments LM741C-MWC Datasheet HTML 8Page - Texas Instruments LM741C-MWC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM741
-
+ V-
V+
+Vsupply
R1
Vinput
Output
R2
-Vsupply
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM741
SNOSC25D – MAY 1998 – REVISED OCTOBER 2015
LM741 Operational Amplifier
1 Features
3 Description
The LM741 series are general-purpose operational
1
Overload Protection on the Input and Output
amplifiers which feature improved performance over
No Latch-Up When the Common-Mode Range is
industry standards like the LM709. They are direct,
Exceeded
plug-in replacements for the 709C, LM201, MC1439,
and 748 in most applications.
2 Applications
The amplifiers offer many features which make their
Comparators
application nearly foolproof: overload protection on
the input and output, no latch-up when the common-
Multivibrators
mode range is exceeded, as well as freedom from
DC Amplifiers
oscillations.
Summing Amplifiers
The LM741C is identical to the LM741 and LM741A
Integrator or Differentiators
except that the LM741C has their performance
Active Filters
ensured over a 0°C to +70°C temperature range,
instead of
−55°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TO-99 (8)
9.08 mm × 9.08 mm
LM741
CDIP (8)
10.16 mm × 6.502 mm
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM741C-MWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM741C-MWC TI2-LM741C-MWC Datasheet
765Kb / 17P
LM741 Operational Amplifier
REVISED OCTOBER 2015
LM741C-MWC.B TI2-LM741C-MWC.B Datasheet
765Kb / 17P
LM741 Operational Amplifier
REVISED OCTOBER 2015
More results

Similar Description - LM741C-MWC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com