Electronic Components Datasheet Search
  English  ▼

X  

LM741CH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM741CH
Description  Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741CH Datasheet(HTML) 3 Page - Texas Instruments

  LM741CH Datasheet HTML 1Page - Texas Instruments LM741CH Datasheet HTML 2Page - Texas Instruments LM741CH Datasheet HTML 3Page - Texas Instruments LM741CH Datasheet HTML 4Page - Texas Instruments LM741CH Datasheet HTML 5Page - Texas Instruments LM741CH Datasheet HTML 6Page - Texas Instruments LM741CH Datasheet HTML 7Page - Texas Instruments LM741CH Datasheet HTML 8Page - Texas Instruments LM741CH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM741
www.ti.com
SNOSC25D – MAY 1998 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
LMC Package
NAB Package
8-Pin TO-99
8-Pin CDIP or PDIP
Top View
Top View
LM741H is available per JM38510/10101
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
INVERTING
2
I
Inverting signal input
INPUT
NC
8
N/A
No Connect, should be left floating
NONINVERTING
3
I
Noninverting signal input
INPUT
OFFSET NULL
1, 5
I
Offset null pin used to eliminate the offset voltage and balance the input voltages.
OFFSET NULL
OUTPUT
6
O
Amplified signal output
V+
7
I
Positive supply voltage
V–
4
I
Negative supply voltage
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM741


Similar Part No. - LM741CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741CH NSC-LM741CH Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741CH TI1-LM741CH Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
LM741CH TI1-LM741CH Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
LM741CH/NOPB TI1-LM741CH/NOPB Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
LM741CH/NOPB TI1-LM741CH/NOPB Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - LM741CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com