Electronic Components Datasheet Search
  English  ▼

X  

LM741CH Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM741CH
Description  Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741CH Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM741CH Datasheet HTML 2Page - Texas Instruments LM741CH Datasheet HTML 3Page - Texas Instruments LM741CH Datasheet HTML 4Page - Texas Instruments LM741CH Datasheet HTML 5Page - Texas Instruments LM741CH Datasheet HTML 6Page - Texas Instruments LM741CH Datasheet HTML 7Page - Texas Instruments LM741CH Datasheet HTML 8Page - Texas Instruments LM741CH Datasheet HTML 9Page - Texas Instruments LM741CH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LM741
SNOSC25D – MAY 1998 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics, LM741A
(1) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL ≥ 10 kΩ
±16
Output voltage swing
VS = ±20 V
V
RL ≥ 2 kΩ
±15
TA = 25°C
10
25
35
Output short circuit current
mA
TAMIN ≤ TA ≤ TAMAX
10
40
Common-mode rejection ratio RS ≤ 50 Ω, VCM = ±12 V, TAMIN ≤ TA ≤ TAMAX
80
95
dB
Supply voltage rejection ratio
VS = ±20 V to VS = ±5 V, RS ≤ 50 Ω, TAMIN ≤ TA ≤ TAMAX
86
96
dB
Rise time
0.25
0.8
μs
Transient
TA = 25°C, unity gain
response
Overshoot
6%
20%
Bandwidth (2)
TA = 25°C
0.437
1.5
MHz
Slew rate
TA = 25°C, unity gain
0.3
0.7
V/
μs
TA = 25°C
80
150
Power consumption
VS = ±20 V
TA = TAMIN
165
mW
TA = TAMAX
135
(2)
Calculated value from: BW (MHz) = 0.35/Rise Time (
μs).
6.7 Electrical Characteristics, LM741C
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
2
6
mV
Input offset voltage
RS ≤ 10 kΩ
TAMIN ≤ TA ≤ TAMAX
7.5
mV
Input offset voltage
TA = 25°C, VS = ±20 V
±15
mV
adjustment range
TA = 25°C
20
200
Input offset current
nA
TAMIN ≤ TA ≤ TAMAX
300
TA = 25°C
80
500
nA
Input bias current
TAMIN ≤ TA ≤ TAMAX
0.8
μA
Input resistance
TA = 25°C, VS = ±20 V
0.3
2
M
Ω
Input voltage range
TA = 25°C
±12
±13
V
TA = 25°C
20
200
VS = ±15 V, VO = ±10 V, RL
Large signal voltage gain
V/mV
≥ 2 kΩ
TAMIN ≤ TA ≤ TAMAX
15
RL ≥ 10 kΩ
±12
±14
Output voltage swing
VS = ±15 V
V
RL ≥ 2 kΩ
±10
±13
Output short circuit current
TA = 25°C
25
mA
Common-mode rejection ratio
RS ≤ 10 kΩ, VCM = ±12 V, TAMIN ≤ TA ≤ TAMAX
70
90
dB
Supply voltage rejection ratio
VS = ±20 V to VS = ±5 V, RS ≤ 10 Ω, TAMIN ≤ TA ≤ TAMAX
77
96
dB
Rise time
0.3
μs
Transient response
TA = 25°C, Unity Gain
Overshoot
5%
Slew rate
TA = 25°C, Unity Gain
0.5
V/
μs
Supply current
TA = 25°C
1.7
2.8
mA
Power consumption
VS = ±15 V, TA = 25°C
50
85
mW
(1)
Unless otherwise specified, these specifications apply for VS = ±15 V, −55°C ≤ TA ≤ +125°C (LM741/LM741A). For the
LM741C/LM741E, these specifications are limited to 0°C
≤ TA ≤ +70°C.
6
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: LM741


Similar Part No. - LM741CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741CH NSC-LM741CH Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741CH TI1-LM741CH Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
LM741CH TI1-LM741CH Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
LM741CH/NOPB TI1-LM741CH/NOPB Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
LM741CH/NOPB TI1-LM741CH/NOPB Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - LM741CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com