Electronic Components Datasheet Search
  English  ▼

X  

LM741CH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM741CH
Description  Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741CH Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM741CH Datasheet HTML 5Page - Texas Instruments LM741CH Datasheet HTML 6Page - Texas Instruments LM741CH Datasheet HTML 7Page - Texas Instruments LM741CH Datasheet HTML 8Page - Texas Instruments LM741CH Datasheet HTML 9Page - Texas Instruments LM741CH Datasheet HTML 10Page - Texas Instruments LM741CH Datasheet HTML 11Page - Texas Instruments LM741CH Datasheet HTML 12Page - Texas Instruments LM741CH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM741
-
+ V-
V+
+Vsupply
R1 = 4.7k
Vinput
Output
R2 = 4.7k
-Vsupply
LM741
www.ti.com
SNOSC25D – MAY 1998 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM741 is a general-purpose amplifier than can be used in a variety of applications and configurations. One
common configuration is in a noninverting amplifier configuration. In this configuration, the output signal is in
phase with the input (not inverted as in the inverting amplifier configuration), the input impedance of the amplifier
is high, and the output impedance is low. The characteristics of the input and output impedance is beneficial for
applications that require isolation between the input and output. No significant loading will occur from the
previous stage before the amplifier. The gain of the system is set accordingly so the output signal is a factor
larger than the input signal.
8.2 Typical Application
Figure 1. LM741 Noninverting Amplifier Circuit
8.2.1 Design Requirements
As shown in Figure 1, the signal is applied to the noninverting input of the LM741. The gain of the system is
determined by the feedback resistor and input resistor connected to the inverting input. The gain can be
calculated by Equation 1:
Gain = 1 + (R2/R1)
(1)
The gain is set to 2 for this application. R1 and R2 are 4.7-k resistors with 5% tolerance.
8.2.2 Detailed Design Procedure
The LM741 can be operated in either single supply or dual supply. This application is configured for dual supply
with the supply rails at ±15 V. The input signal is connected to a function generator. A 1-Vpp, 10-kHz sine wave
was used as the signal input. 5% tolerance resistors were used, but if the application requires an accurate gain
response, use 1% tolerance resistors.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM741


Similar Part No. - LM741CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741CH NSC-LM741CH Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741CH TI1-LM741CH Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
LM741CH TI1-LM741CH Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
LM741CH/NOPB TI1-LM741CH/NOPB Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
LM741CH/NOPB TI1-LM741CH/NOPB Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - LM741CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com