Electronic Components Datasheet Search
  English  ▼

X  

DSC1001 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # DSC1001
Description  Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001 Datasheet(HTML) 8 Page - Micrel Semiconductor

  DSC1001 Datasheet HTML 1Page - Micrel Semiconductor DSC1001 Datasheet HTML 2Page - Micrel Semiconductor DSC1001 Datasheet HTML 3Page - Micrel Semiconductor DSC1001 Datasheet HTML 4Page - Micrel Semiconductor DSC1001 Datasheet HTML 5Page - Micrel Semiconductor DSC1001 Datasheet HTML 6Page - Micrel Semiconductor DSC1001 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 7 page
background image
Page 8
MK-Q-B-P-D-050610-01-9
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
2.5 x 2.0 mm Plastic Package
Ordering Information
DSC1001 PTS – xxx.xxxx T
PART NUMBERING GUIDE
Package
(Plastic QFN)
Temperature
Stability
Frequency
Packing Option
P=A: 7.0x5.0mm
P=B: 5.0x3.2mm
P=C: 3.2x2.5mm
P=D: 2.5x2.0mm
T=C: 0o ~ +70o C
T=E: -20o ~ +70o C
T=I: -40o ~ +85o C
T=L: -40o ~ +105o C
S=1: ±50ppm
S=2: ±25ppm
S=5: ±10ppm
XXX.XXXX
Blank: Tubes
-
T: Tape & Reel
Example: DSC1001CE1–123.0000T
The example part number above is a 123.0000MHz oscillator in Plastic 3.2x2.5mm package, with ±50ppm
stability over an operating temperature of -20 to +70oC, shipped in Tape and Reel.
Disclaimer:
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This information is not intended as a
warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry, specifications and descriptions at any time without notice. No
license, whether express, implied, arising by estoppel or otherwise, to any intellectual property rights is granted by this document.
Except as provided in Micrel’s terms and
conditions of sale for such products, Micrel assumes no liability whatsoever, and Micrel disclaims any express or implied warranty relating to the sale and/or use of Micrel
products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be
expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life,
and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support
appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
MICREL, Inc.
●
2180 Fortune Drive,
San Jose, California
95131
●
USA
Phone: +1 (408) 944-0800
●
Fax: +1 (408) 474-1000
● Email: hbwhelp@micrel.com
●
www.micrel.com
Pin Terminal
VDD
Standby#
Output
GND
0.85±0.05 [0.033±0.002]
Recommended Land Pattern
#1
#2
#3
#4
2.5±0.05 [0.098±0.002]
2.0±0.05 [0.079±0.002]
#4
#3
#2
#1
0.65±0.10 [0.026±0.004]
0.65±0.05 [0.026±0.002]
CO.25
0.85 [0.033]
0.65 [0.026]
0.7 [0.028]
1.65 [0.065]
No
.
4
1
3
2
0.7 [0.028]
1.65 [0.065]
External Dimensions
units: mm [inch]
0.2 [0.008]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com