Electronic Components Datasheet Search
  English  ▼

X  

TNETX3150A Datasheet(PDF) 105 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 105 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 101Page - Texas Instruments TNETX3150A Datasheet HTML 102Page - Texas Instruments TNETX3150A Datasheet HTML 103Page - Texas Instruments TNETX3150A Datasheet HTML 104Page - Texas Instruments TNETX3150A Datasheet HTML 105Page - Texas Instruments TNETX3150A Datasheet HTML 106Page - Texas Instruments TNETX3150A Datasheet HTML 107Page - Texas Instruments TNETX3150A Datasheet HTML 108Page - Texas Instruments TNETX3150A Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
105
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Figure 46)
MII receive 10 Mbit/s (XX = ports 03–14)
NO
TNETX3150
TNETX3150A
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tsu(MXXRXD)
Setup time, MXXRXD valid before MXXRCLK
↑
8
8
ns
2
th(MXXRXD)
Hold time, MXXRXD valid after MXXRCLK
↑
8
8
ns
MXXRXD
(input)
MXXRCLK
(input)
1
2
Figure 46. Ports (03–14) Receive Interface Timing
operating characteristics over recommended operating conditions (see Figure 47)
MII transmit 10 Mbit/s (XX = ports 03–14)
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
td(MXXTXD)
Delay time, from MXXTCLK
↑ to MXXTXD valid
5
35
2.5
25
ns
1
td(MXXTXEN)
Delay time, from MXXTCLK
↑ to MXXTXEN valid
5
35
2.5
25
ns
MXXTXD
MXXTXEN
(outputs)
MXXTCLK
(input)
1
Figure 47. Ports (03–14) Transmit Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com