Electronic Components Datasheet Search
  English  ▼

X  

TPS61043 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61043
Description  CONSTANT CURRENT LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61043 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61043 Datasheet HTML 1Page - Texas Instruments TPS61043 Datasheet HTML 2Page - Texas Instruments TPS61043 Datasheet HTML 3Page - Texas Instruments TPS61043 Datasheet HTML 4Page - Texas Instruments TPS61043 Datasheet HTML 5Page - Texas Instruments TPS61043 Datasheet HTML 6Page - Texas Instruments TPS61043 Datasheet HTML 7Page - Texas Instruments TPS61043 Datasheet HTML 8Page - Texas Instruments TPS61043 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
PIN ASSIGNMENT
SW
8
OVP
7
GND
6
CTRL
5
LED
DRB PACKAGE
(TOP VIEW)
1
RS 2
VIN 3
FB 4
Exposed
Thermal
Die Pad
The exposed thermal die pad
is connected to GND.
TPS61043
SLVS465A – DECEMBER 2003 – REVISED DECEMBER 2003
ELECTRICAL CHARACTERISTICS (continued)
V
I = 3.6 V, CTRL= VI, TA = -40°C to + 85°C, typical values are at TA= 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(CTRL)
PWM switching frequency applied to CTRL
0.1
50
kHz
D(CTRL)
PWM duty cycle applied to CTRL
1%
100%
POWER SWITCH AND CURRENT LIMIT (SW)
VS
Maximum switch voltage
30
V
rds(ON)
MOSFET on-resistance
VI = 3.6 V; I(SW) = 200 mA
300
600
m
Ilkg
MOSFET leakage current
V(SW) = 28 V
0.1
10
µA
ILIM
MOFSET current limit
320
400
480
mA
TON
Power switch maximum on-time
VO = 15 V
4.5
µs
TOFF
Power switch minimum off-time
400
ns
LED SWITCH AND CURRENT LIMIT (LED)
VS
Maximum switch voltage
30
V
I (LED)
Maximum LED switch current
60
mA
rds(ON)
MOSFET on-resistance
VI = 3.6 V; ISW = 20 mA
1
2
Ilkg
MOSFET leakage current
V(LED)= 28 V
0.1
10
µA
OUTPUT
VO
Output voltage range
OVP connected
VI
16.9
V
I(FB)
Feedback input bias current(1)
V(FB) = 0.252 V
100
nA
VFB
Feedback trip point voltage
1.8 V
≤ V
I≤ 6.0 V
244
252
260
mV
V(OVP)
Output overvoltage protection
VO rising
17
18
19
V
Vhys(OVP)
Output overvoltage protection hysteresis
3.65
V
I(OVP)
OVP input current
VO = 15 V
17
23
µA
(1)
The feedback input is high impedance MOSFET Gate input.
3


Similar Part No. - TPS61043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61043DRB TI1-TPS61043DRB Datasheet
958Kb / 27P
CONSTANT CURRENT LED DRIVER
TPS61043DRBR TI1-TPS61043DRBR Datasheet
958Kb / 27P
CONSTANT CURRENT LED DRIVER
TPS61043DRBR TI1-TPS61043DRBR Datasheet
1Mb / 31P
Constant Current LED Driver
TPS61043DRBRG4 TI1-TPS61043DRBRG4 Datasheet
958Kb / 27P
CONSTANT CURRENT LED DRIVER
TPS61043DRBRG4 TI1-TPS61043DRBRG4 Datasheet
1Mb / 31P
Constant Current LED Driver
More results

Similar Description - TPS61043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
Constant Current LED Driver
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com