Electronic Components Datasheet Search
  English  ▼

X  

OPA622 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA622
Description  OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA622 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA622 Datasheet HTML 6Page - Texas Instruments OPA622 Datasheet HTML 7Page - Texas Instruments OPA622 Datasheet HTML 8Page - Texas Instruments OPA622 Datasheet HTML 9Page - Texas Instruments OPA622 Datasheet HTML 10Page - Texas Instruments OPA622 Datasheet HTML 11Page - Texas Instruments OPA622 Datasheet HTML 12Page - Texas Instruments OPA622 Datasheet HTML 13Page - Texas Instruments OPA622 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
OPA622
10
®
INPUT PROTECTION
The need for protection from static damage has long been
recognized for MOSFET devices, but all semiconductor
devices deserve protection from this potentially damaging
source. The OPA622 incorporates on-chip ESD protection
diodes as shown in Figure 1. These diodes eliminate the
need for external protection diodes, which can add capaci-
tance and degrade AC performance.
the amplifier input characteristics without necessarily
destroying the device. In precision amplifiers, such changes
may degrade offset and drift noticeably. For this reason,
static protection is strongly recommended when handling the
OPA622.
DISCUSSION
OF PERFORMANCE
The OPA622 provides full-power bandwidth previously
unattainable in monolithic devices. In addition, the amplifier
operates with reduced quiescent. The flexibility of the
OPA622 design provides the speed advantages of a current-
feedback amplifier or the precision advantages of a voltage-
feedback amplifier. The programmable quiescent current
feature also helps to adapt the amplifier to the particular
design requirements.
Figure 2 shows the simplified circuit diagram of the OPA622.
It contains four major sections: the bias circuitry, the OTA,
the output buffer, and the feedback buffer.
BIAS CIRCUITRY
The bias circuitry controls the quiescent current of the signal
processing stages, allows external quiescent current setting
using the resistor RQ connected from Pin 2 to –VCC, sets the
amplifier’s transconductance, and, with its temperature
characteristics, maintains a constant transconductance over
temperature. The quiescent current controls the small-signal
bandwidth and AC behavior. The OPA622 is specified with
a quiescent current of
±5mA with R
Q = 430Ω. The recom-
mended range is
±3mA to ±8mA.
+V
CC
–V
CC
ESD Protection diodes internally
connected to all pins.
Internal
Circuitry
External
Pin
FIGURE 1. Internal ESD Protection.
As shown, all input pins of the OPA622 are protected from
ESD internally by a pair of back-to-back reverse-biased
diodes to either power supply. These diodes begin to con-
duct when the input voltage exceeds either power supply by
about 0.7V. This situation can occur when the amplifier
loses its power supplies while a signal source is still present.
The diodes can typically withstand a continuous current of
30mA without destruction. To ensure long-term reliability,
however, the diode current should be limited externally to
approximately 10mA whenever possible.
The internal protection diodes are designed to withstand
2.5kV (using the Human Body Model) and will provide
adequate ESD protection for most normal handling proce-
dures. However, static damage can cause subtle changes in
R
OG
13
12
+V
CC
2
+In 4
8
12
I
Q Adjust
–V
CC
R
Q (ext.)
100
5
+ BUF –
3
– In
9
4
V
OUT
–V
CC OUT
6
11
+V
CC OUT
OTA
10
Bias
Circuitry
OTA
FB
OB
FIGURE 2. Simplified Circuit Diagram.


Similar Part No. - OPA622

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AP BURR-BROWN-OPA622AP Datasheet
243Kb / 18P
Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AU BURR-BROWN-OPA622AU Datasheet
243Kb / 18P
Wide-Bandwidth OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com