Electronic Components Datasheet Search
  English  ▼

X  

OPA622 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA622
Description  OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA622 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA622 Datasheet HTML 7Page - Texas Instruments OPA622 Datasheet HTML 8Page - Texas Instruments OPA622 Datasheet HTML 9Page - Texas Instruments OPA622 Datasheet HTML 10Page - Texas Instruments OPA622 Datasheet HTML 11Page - Texas Instruments OPA622 Datasheet HTML 12Page - Texas Instruments OPA622 Datasheet HTML 13Page - Texas Instruments OPA622 Datasheet HTML 14Page - Texas Instruments OPA622 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
OPA622
11
®
Application circuits generally do not show the resistor
RQ, but it is required for proper operation.
With a fixed RQ, the quiescent current increases with tem-
perature (see Typical Performance Curves.) This variation
of the quiescent current with temperature keeps the band-
width and AC behavior relatively constant with temperature.
It is also possible to vary the quiescent current by an external
control signal or circuitry. Figure 3 shows a circuit to disable
the OPA622 with TTL-compatible logic levels. 0V/5V logic
levels are converted into a 1mA/0mA current connected to
Pin 2. The current flowing in RQ increases the voltage at Pin
2 to approximately 1V above the –VCC rail, thus reducing IQ
to near zero and disabling the OPA622.
OTA AND OUTPUT BUFFER SECTIONS
An Operational Transconductance Amplifier (OTA) and an
output buffer are the basic building blocks of a current-
feedback amplifier. The current-feedback configuration of
the OPA622 is illustrated in Figure 4. The OTA consists of
a complementary emitter follower and a subsequent comple-
mentary current mirror. The voltage at the high-impedance
+In terminal is transferred to the BUF+ input/output termi-
nal at a low impedance. If a current flows into or out of the
BUF+ terminal, the complementary mirror reflects the
current to the OTA terminal. The current flow at the high-
impedance OTA terminal is determined by the product of
the voltage between the +In and BUF+ terminals and the
transconductance. The output buffer section is an open-loop
buffer consisting of complementary emitter followers. It is
designed to drive cables or low-impedance loads. The buffer
output is not current-limited or -protected. As can be seen in
Figure 4, the feedback network for a current-feedback
amplifier is applied between the VOUT and BUF+ terminals.
Figure 8 illustrates the bandwidth for various output volt-
ages of the current feedback configuration.
FIGURE 3. Logic-Controlled Disable Circuit.
FIGURE 4. Current-Feedback Amplifier.
100k
100
R
Q
430
–5V
Internal
Current Source
Circuitry
OPA622
2N2907
+5V
0/5V
Logic In
5V: OPA622 On
25
I
C
I
C = 0:
OPA622 On
I
C = 1mA: OPA622 Off
4.7k
C
OTA
9
6
11
–V
CC OUT
V
OUT
+ V
CC OUT
R
1
R
2
10
13
12
+V
CC
5
–V
CC
+In
4
BUF+
OTA
OB
FEEDBACK BUFFER SECTION
This section of the OPA622 is a complementary emitter
follower identical to the input buffer of the OTA section. It
is designed for interstage buffering, not for driving long
cables or low-impedance loads. A minimum load resistance
of 500
Ω is recommended when using the feedback buffer as
a stand-alone device. The feedback buffer output is not
current-limited or -protected. The bandwidth of the feedback
buffer is shown in Figure 7.


Similar Part No. - OPA622

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AP BURR-BROWN-OPA622AP Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AU BURR-BROWN-OPA622AU Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com