Electronic Components Datasheet Search
  English  ▼

X  

OPA622 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA622
Description  OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA622 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA622 Datasheet HTML 10Page - Texas Instruments OPA622 Datasheet HTML 11Page - Texas Instruments OPA622 Datasheet HTML 12Page - Texas Instruments OPA622 Datasheet HTML 13Page - Texas Instruments OPA622 Datasheet HTML 14Page - Texas Instruments OPA622 Datasheet HTML 15Page - Texas Instruments OPA622 Datasheet HTML 16Page - Texas Instruments OPA622 Datasheet HTML 17Page - Texas Instruments OPA622 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
OPA622
14
®
gain) at low closed-loop gains. Harmonic distortion is also
improved with increased open-loop gain. Figure 12 shows the
OPA622 frequency response at GCL = +2V/V and variable
ROG to demonstrate its influence on a flat frequency response.
Slight variation of ROG might be necessary to compensate for
load capacitance. It is possible to achieve optimal pulse
response over a wide range of load capacitances without
overshooting and ringing. As an example, Figure 13 shows a
selection curve for the optimal ROG value versus the load
capacitance at a gain (GCLO) of +2V/V.
THERMAL CONSIDERATIONS
The OPA622 does not require a heat sink for operation in
most environments. A heat sink will, however, reduce the
internal thermal rise, resulting in cooler, more reliable
operation. At extreme temperatures and under full load
conditions, a heat sink is necessary. The internal power
dissipation is given by the equation PD = PDQ + PDL, (PDQ is
the quiescent power dissipation and PDL is the power dissi-
pation in the output stage due to the load). Although the PDQ
is very low (50mW at VCC = ±5V), care should be taken
FIGURE 8. Bandwidth vs Output Voltage (Current-Feedback
Amplifier).
–1
R
2
R
1
R
OG
g
m
g
m
+In
4
13
8
10
3
9
R
T
C
T
V
OUT
T
D
–In
FIGURE 9. Hybrid Model of a Wideband Op Amp.
FIGURE 10. Open-Loop Gain vs R
OG.
60
50
40
30
20
10
0
–10
–20
Frequency (Hz)
10k
100k
1M
10M
100M
1G
0
Ω 27Ω 150Ω 390Ω
R
OG =
20
15
10
5
0
–5
–10
–15
–20
–25
dB
Frequency (HZ)
1M
10M
100M
1G
3G
0.6Vp-p
2.8Vp-p
1.4Vp-p
0.2Vp-p
150
8
+1
1k
20
15
10
5
0
–5
–10
–15
–20
–25
dB
Frequency (HZ)
1M
10M
100M
1G
3G
0.6Vp-p
2.8Vp-p
1.4Vp-p
0.2Vp-p
5.0Vp-p
150
9
+1
150
8
180
180
0.5pF
10
+
13
3
4
G
CL = +2V/V
FIGURE 7. Bandwidth vs Output Voltage (Feedback Buffer ).
time constants. The elements R and COTA between the
current source output and the output buffer form the first
open-loop pole TC. The signal delay time, TD, modelled in
the output buffer, combines several small phase-shifting
time constants and delay times. They are distributed through-
out the amplifier and are also present in the feedback loop.
As shown in Figure 10, an increasing ROG leads to a
decreasing open-loop gain. The ratio of the two time con-
stants, TC and TD, of the open-loop frequency response also
determines the product GOL • GCL for optimal closed-loop
frequency response.
GOL = G+CL
TC and TD are fixed by the op amp design. The purpose of ROG
now is to vary GOL versus GCL to keep the product GOL • GCL
constant, which is the theoretical condition for optimal and
gain-independent frequency response. Figure 11 summarizes
some optimal flat closed-loop responses and indicates the ROG
values. It should be noted that the bandwidth remains rela-
tively constant and ROG has its highest value (low open-loop
T
C
2T
D


Similar Part No. - OPA622

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AP BURR-BROWN-OPA622AP Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AU BURR-BROWN-OPA622AU Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com