Electronic Components Datasheet Search
  English  ▼

X  

OPA622 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA622
Description  OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA622 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA622 Datasheet HTML 11Page - Texas Instruments OPA622 Datasheet HTML 12Page - Texas Instruments OPA622 Datasheet HTML 13Page - Texas Instruments OPA622 Datasheet HTML 14Page - Texas Instruments OPA622 Datasheet HTML 15Page - Texas Instruments OPA622 Datasheet HTML 16Page - Texas Instruments OPA622 Datasheet HTML 17Page - Texas Instruments OPA622 Datasheet HTML 18Page - Texas Instruments OPA622 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
OPA622
15
®
when a signal is applied. For high-speed op amps, a more
precise approach to determine power consumption is to
measure the average total quiescent current for several
typical load conditions. The power consumption of the
OPA622 is influenced by the signal type and frequency, the
output voltage and load resistor, and the repetition rate of the
signal transitions. Figure 14 shows the total average supply
current versus the frequency of an applied sine wave for
various output voltages. Figure 15
illustrates the total
quiescent current versus the repetition frequency of an
applied square wave signal.
CIRCUIT LAYOUT
The high-frequency performance of the OPA622 can be
greatly affected by the physical layout of the printed circuit
board. The following tips are offered as suggestions, not as
absolute musts. Oscillations, ringing, poor bandwidth and
settling, and peaking are all typical problems that plague
high-speed components when they are used incorrectly.
• Bypass power supplies very close to the device pins. Use
tantalum chip capacitors (approximately 2.2
µF) and a
parallel 470pF ceramic chip capacitor. Surface-mount types
are recommended because of their low lead inductance.
• PC board traces for power lines should be wide to reduce
impedance.
• Make short, low-inductance traces. The entire physical
circuit should be as small as possible.
• Use a low-impedance ground plane on the component side
to ensure that low-impedance ground is available through-
out the layout.
• Place the ROG resistor as close as possible to the package
and use the shortest possible trace length.
• Do not extend the ground plane over high-impedance
nodes sensitive to stray capacitances such as the amplifier’s
input and ROG terminals.
• Sockets are not recommended, because they add signifi-
cant inductance and parasitic capacitance. If sockets are
required, use zero-profile solderless sockets.
• Use low-inductance, surface-mount components for
best AC performance.
• A resistor (50
Ω to 330Ω) in series with the high-imped-
ance inputs is strictly recommended for stable operation.
• Plug-in prototype boards and wire-wrap boards will not
function well. A clean layout using RF techniques is
essential.
FIGURE 11. Optimum Response vs Closed-Loop Gains.
FIGURE 12. Closed-Loop Gain vs R
OG.
10
5
0
–5
–10
–15
–20
–25
Frequency (Hz)
100k
1M
10M
100M
1G
R
OG = 50Ω
R
OG = 150Ω
R
OG = 300Ω
G
CL = +2V/V
15
10
5
0
–5
–10
–15
–20
–25
1M
10M
1M
1G
Frequency (Hz)
20
–30
R
OG = 10Ω
100k
R
OG = 150Ω
R
OG = 390Ω
R
OG = 200Ω
R
OG = 120Ω
G
CL = +10
G
CL = +2
G
CL = +1
G
CL = –1
G
CL = –2
OPA622AP
V
O = 1.4Vp-p, Refer to Table I for
recommended component values.
FIGURE 14. Average Supply Current vs Frequency (Sine Wave).
FIGURE 13. Bandwidth vs C
LOAD.
1M
10M
100M
1G
Frequency (Hz)
G
CL = +2V/V, VO = 2.8Vp-p
10pF
22pF
47pF
C
LOAD
R
OG C OTA
10p180
Ω 0.5p
22p200
Ω0.5p
47p150
Ω0.5p
50
40
30
20
10
0
Frequency (Hz)
300k
1M
10M
100M
1G
G = +2V/V, R
LOAD = 100Ω
5Vp-p
2.8Vp-p
1.4Vp-p
0.2Vp-p


Similar Part No. - OPA622

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AP BURR-BROWN-OPA622AP Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AU BURR-BROWN-OPA622AU Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com