Electronic Components Datasheet Search
  English  ▼

X  

OPA622 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA622
Description  OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA622 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA622 Datasheet HTML 11Page - Texas Instruments OPA622 Datasheet HTML 12Page - Texas Instruments OPA622 Datasheet HTML 13Page - Texas Instruments OPA622 Datasheet HTML 14Page - Texas Instruments OPA622 Datasheet HTML 15Page - Texas Instruments OPA622 Datasheet HTML 16Page - Texas Instruments OPA622 Datasheet HTML 17Page - Texas Instruments OPA622 Datasheet HTML 18Page - Texas Instruments OPA622 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
OPA622
16
®
FIGURE 16. Test Circuit Schematic.
FIGURE 15. Average Supply Current vs Frequency (Square Wave).
R
QC
390
2
4
3
R
4
NC(1)
5
+V
CC OUT
10
11
9
OB
Out
R
1
330
6
–V
CC OUT
13
8
R
OG
150
FB
OTA
OPA622
R
3
0
C
OTA
–V
CC
Z
O = 50Ω
R
5
NC(1)
R
IN
50
1pF
Biasing
R
6
NC(1)
R
SOURCE
= 50
NC(1)
Z
O = 50Ω
R
SOURCE
= 50
R
L2
100
R
L1
100
R
ING
NC(1)
R
LR
150
Z
O = 50Ω
In
POS
In
NEG
R
2
330
12
–V
CC
+V
CC
C
1
C
2
+5V
C
6
C
5
R
9
10
R
8
10
C
3
C
4
11
6
12
5
470pF
10nF
2.2µF
Gnd
–5V
470pF
10nF
2.2µF
R
L
50
NOTE: (1) NC = Not connected on Demo Board.
Component values shown are for GCL = +2.
See Table I for recommended values for
other closed-loop gains.
Frequency (Hz)
25
20
15
10
5
0
1k
10k
100k
1M
10M
100M
1G
x
x
x
x
x
x
x
x
x
G
CL = +2V/V, RLOAD = 100Ω
2.8Vp-p
1.4Vp-p
0.2Vp-p
5Vp-p


Similar Part No. - OPA622

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AP BURR-BROWN-OPA622AP Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AU BURR-BROWN-OPA622AU Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com