Electronic Components Datasheet Search
  English  ▼

X  

OPA622 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA622
Description  OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA622 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA622 Datasheet HTML 11Page - Texas Instruments OPA622 Datasheet HTML 12Page - Texas Instruments OPA622 Datasheet HTML 13Page - Texas Instruments OPA622 Datasheet HTML 14Page - Texas Instruments OPA622 Datasheet HTML 15Page - Texas Instruments OPA622 Datasheet HTML 16Page - Texas Instruments OPA622 Datasheet HTML 17Page - Texas Instruments OPA622 Datasheet HTML 18Page - Texas Instruments OPA622 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
OPA622
17
®
RECOMMENDED COMPONENTS VALUES
Table I summarizes recommended component values for
optimum flat frequency response. The recommended values
were determined with a 100
Ω load resistance and a 2pF load
capacitance. Some adjustment of circuit values may be
required, especially with higher load capacitance. According
to the behavior shown in Figure 12, the frequency response
will show a peaking when the ROG is decreased and will
roll off more gradually when ROG is increased. The COTA
capacitor is responsible for the first open-loop pole and a
small external capacitor for the gains +1V/V and +2V/V is
required for stable operation. The package pins, the internal
lead frame, and bond wires form a resonant circuit. A
resistor in the range of 150
Ω to 390Ω in series with all high
impedance inputs will damp the package related resonant
circuit. Also, the feedback resistor R1 is in series with the
inverting high impedance inputs. R1 ≥ 330Ω is recom-
mended for the DIP package and R1 ≥ 150Ω is recommended
for the SO-package.
OPA622AP, IQ = 5mA, RQC = 430Ω
OPA622AU, IQ = 5mA, RQC = 430Ω
PLASTIC DIP
SURFACE-MOUNT
GCL
GCL
Component
+1
+2
+5
+10
–1
–2
UNITS
Component
+1
+2
+5
+10
–1
–2
UNITS
R1
0
330
620
1600
390
470
R1
150
240
470
820
240
300
R2
330
160
180
R2
240
120
91
R3
220
0
0
0
0
0
R3
00
0
0
0
0
ROG
330
150
56
10
200
150
ROG
270
150
47
10
160
100
COTA
2.2
1
1
1
pF
COTA
2.2
1
1
1
pF
RILR
150
150
150
150
150
150
RLR
200
150
200
200
150
150
R4
390
240
R4
240
150
R5
62
62
R6
68
68
Ring
150
150
Ring
150
150
Bandwidth
Bandwidth
VOUT = 0.2Vp-p
170
160
140
110
135
125
MHz
VOUT = 0.2Vp-p
200
170
160
100
180
175
MHz
VOUT = 2.8Vp-p
220
200
170
110
150
150
MHz
VOUT = 2.3Vp-p
250
240
230
100
250
240
MHz
TABLE I. Recommended Components Values for Optimum Frequency Performance.
FIGURE 17. Silkscreen and Test Circuit Board Layouts.


Similar Part No. - OPA622

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AP BURR-BROWN-OPA622AP Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
OPA622AU BURR-BROWN-OPA622AU Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com