Electronic Components Datasheet Search
  English  ▼

X  

DAC8571 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8571
Description  16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8571 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8571 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
www.ti.com
DAC8571
SLAS373A – DECEMBER 2002 – REVISED JULY 2003
TIMING CHARACTERISTICS
V
DD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; all specifications -40°C to 105°C (unless otherwise noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Standard mode
100
kHz
Fast mode
400
kHz
tSCL
SCL clock frequency
High-speed mode, CB - 100pF max
3.4
MHz
High-speed mode, CB - 400pF max
1.7
MHz
Standard mode
4.7
µs
Bus free time between a STOP and
tBUF
START condition
Fast mode
1.3
µs
Standard mode
4.0
\µs
Hold time (repeated) START con-
tHO; tSTA
Fast mode
600
ns
dition
High-speed mode
160
ns
Standard mode
4.7
µs
tLOW
LOW period of the SCL clock
Fast mode
1.3
µs
Standard mode
4.0
µs
Fast mode
600
ns
tHIGH
HIGH period of the SCL clock
High-speed mode, CB - 100pF max
60
ns
High-speed mode, CB - 400pF max
120
ns
Standard mode
4.7
µs
Setup time for a repeated START
tSU; tSTA
Fast mode
600
ns
condition
High-speed mode
160
ns
Standard mode
250
ns
tSU; tDAT
Data setup time
Fast mode
100
ns
High-speed mode
10
ns
Standard mode
0
0.9
µs
Fast mode
0
0.9
µs
tHD; tDAT
Data hold time
High-speed mode, CB - 100pF max
0
70
ns
High-speed mode, CB - 400pF max
0
150
ns
Standard mode
20
× 0.1C
B
1000
ns
Fast mode
20
× 0.1C
B
300
ns
tRCL
Rise time of SCL signal
High-speed mode, CB - 100pF max
10
40
ns
High-speed mode, CB - 400pF max
20
80
ns
Standard mode
20
× 0.1C
B
1000
ns
Rise time of SCL signal after a
Fast mode
20
× 0.1C
B
300
ns
tRCL1
repeated START condition, and
High-speed mode, CB - 100pF max
10
80
ns
after an acknowledge BIT
High-speed mode, CB - 400pF max
20
1600
ns
Standard mode
20
× 0.1C
B
300
ns
Fast mode
20
× 0.1C
B
300
ns
tFCL
Fall time of SCL signal
High-speed mode, CB - 100pF max
10
40
ns
High-speed mode, CB - 400pF max
20
80
ns
Standard mode
20
× 0.1C
B
1000
ns
Fast mode
20
× 0.1C
B
300
ns
tRCA
Rise time of SDA signal
High-speed mode, CB - 100pF max
10
80
ns
High-speed mode, CB - 400pF max
20
160
ns
Standard mode
20
× 0.1C
B
300
ns
Fast mode
20
× 0.1C
B
300
ns
tFDA
Fall time of SDA signal
High-speed mode, CB - 100pF max
10
80
ns
High-speed mode, CB - 400pF max
20
160
ns
5



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com