Electronic Components Datasheet Search
  English  ▼

X  

DAC8571 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8571
Description  16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8571 Datasheet(HTML) 9 Page - Texas Instruments

  DAC8571 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 1 page
background image
www.ti.com
0
500
1000
1500
2000
2500
0
40
80
120
160
200
240
280
IDD - Supply Current - µA
IREF Included
VDD = 2.7 V
VDD = 5.5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
Logic Input Voltage - V
TA = 25°C, A0 Input (All Other Inputs = GND)
Reference Current Included
VDD = VREF = 2.7 V
VDD = VREF = 5.5 V
t - Time - 5
µs/div
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
2.3
2.35
2.4
2.45
2.5
0
5
10
15
20
25
30
t - Time -
µS
Vref = VDD - 50 mV
Code 7FFFh to 8000h
(Glitch Occurs Every N x 4096
Code Boundary)
0
1
2
3
4
5
6
t – Time – 12
µs/div, Fast–Settling Mode
VDD = VREF
= 5 V
Output
Loaded With
2 k
Ω and
200 pF to
GND
-0.005
-0.004
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
0.004
0.005
0
10000 20000 30000 40000 50000 60000
Digital Input Code
VDD = 5 V
DAC8571
SLAS373A – DECEMBER 2002 – REVISED JULY 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
HISTOGRAM OF CURRENT CONSUMPTION
Figure 13.
Figure 14.
EXITING POWER-DOWN MODE
OUTPUT GLITCH (Mid-Scale)
Figure 15.
Figure 16.
ABSOLUTE ERROR
FULL-SCALE SETTLING TIME (Large Signal)
Figure 17.
Figure 18.
9



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com