Electronic Components Datasheet Search
  English  ▼

X  

DAC8571 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8571
Description  16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8571 Datasheet(HTML) 10 Page - Texas Instruments

  DAC8571 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 1 page
background image
www.ti.com
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
t – Time – 12
µs/div, Fast–Settling Mode
VDD = VREF
= 2.7 V
Output
Loaded With
2 k
Ω and
200 pF to
GND
0.0
0.5
1.0
1.5
2.0
2.5
3.0
t – Time – 12
µs/div, Fast–Settling Mode
VDD = VREF
= 5 V
Output
Loaded With
2 k
Ω and
200 pF to
GND
0.00
0.50
1.00
1.50
t – Time – 12
µs/div, Fast–Settling Mode
VDD = VREF
= 2.7 V
Output
Loaded With
2 k
Ω and
200 pF to
GND
V
DD = 5V
V
DD = 2.7V
V
DD = VREF
-1dB FSR Digital Input, F
S = 52ksps
Measurement Bandwidth = 20kHz
SIGNAL-T O-NOISE RATIO vs OUTPUT FREQUENCY
98
96
94
92
90
88
86
84
0
500
1k
1.5k
2k
2.5k
3k
3.5k
4k
4.5k
Output Frequency (Hz), Fast-Settling Mode
V
DD = VREF = 2.7V
F
S = 52ksps, - 1dB FSR Digital Input
Measurement Bandwidth = 20kHz
THD
3rd Harmonic
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 90
- 100
0
500
1k
1.5k
2k
2.5k
3k
3.5k
4k
Output Frequency (Hz), Fast - Settling Mode
2nd Harmonic
V
DD = VREF = 5V
F
S = 52ksps, - 1dB FSR Digital Input
Measurement Bandwidth = 20kHz
THD
2nd Harmonic
3rd Harmonic
OUTPUT FREQUENCY
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 90
- 100
0
500
1k
1.5k
2k
2.5k
3k
3.5k
4k
Output Frequency (Hz), Fast-Settling Mode
DAC8571
SLAS373A – DECEMBER 2002 – REVISED JULY 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
HALF-SCALE SETTLING TIME (Large Signal)
FULL-SCALE SETTLING TIME (Large Signal)
Figure 19.
Figure 20.
HALF-SCALE SETTLING TIME
SIGNAL-TO-NOISE RATIO vs OUTPUT FREQUENCY
Figure 21.
Figure 22.
TOTAL HARMONIC DISTORTION vs OUTPUT FRE-
TOTAL HARMONIC DISTORTION vs OUTPUT FRE-
QUENCY
QUENCY
Figure 23.
Figure 24.
10



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com