Electronic Components Datasheet Search
  English  ▼

X  

DAC8571 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8571
Description  16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8571 Datasheet(HTML) 4 Page - Texas Instruments

  DAC8571 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
www.ti.com
DAC8571
SLAS373A – DECEMBER 2002 – REVISED JULY 2003
ELECTRICAL CHARACTERISTICS (continued)
V
DD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; low power mode; all specifications -40°C to 105°C (unless
otherwise noted)
DAC8571
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT CHARACTERISTICS (2)
Output voltage range
0
VREF
V
Output voltage settling time (full
RL = 2 kΩ; CL < 200 pF, fast settling
8
10
µs
scale)
RL = 2 kΩ; CL = 500 pF, fast settling
12
µs
RL = 2 kΩ; CL < 200 pF, low power
13
15
µs
Slew rate
RL = 2 kΩ; CL < 200 pF, fast settling
1
V/µs
RL = 2 kΩ; CL < 200 pF, low power
0.5
Capacitive load stability
RL = ∞
470
pF
RL = 2 kΩ
1000
pF
Digital-to-analog glitch impulse
20
nV-s
Digital feedthrough
0.5
nV-s
DC output impedance
1
Ω
Short circuit current
VDD = +5 V
50
mA
VDD = +3 V
20
mA
Power-up time
Coming out of power-down mode, VDD = +5 V
2.5
µs
Coming out of power-down mode, VDD = +3 V
5
µs
PSRR
0.75
mV/V
REFERENCE INPUT
VREFH input range
0
VDD
V
Reference input impedance
140
k
Ω
LOGIC INPUTS (3)
Input current
±1
µA
VIN_L, Input low voltage
VDD = 2.7-5.5 V
0.3VDD
V
VIN_H0 , Input high voltage
VDD = 2.7-5.5 V
0.7VDD
V
Pin capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
DAC active, Iref included
VDD = +4.5 V to +5.5 V
VIH = VDD, VIL = GND, fast settling
250
400
µA
VIH = VDD, VIL = GND, low power
160
225
VDD = +2.7 V to +3.6 V
VIH = VDD, VIL = GND, fast settling
240
380
µA
VIH = VDD, VIL = GND, low power
140
200
IDD (all power-down modes)
DAC active, Iref included
VDD = +4.5 V to +5.5 V
VIH = VDD and VIL = GND
0.2
1
µA
VDD = +2.7 V to +3.6 V
VIH = VDD and VIL = GND
0.05
1
µA
POWER EFFICIENCY
IOUT/IDD
IL = 2 mA, VDD = +5 V
93%
(2)
Assured by design and characterization, not production tested.
(3)
Assured by design and characterization, not production tested.
4



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com