Electronic Components Datasheet Search
  English  ▼

X  

PIC18F258 Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC18F258
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258 Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC18F258 Datasheet HTML 99Page - Microchip Technology PIC18F258 Datasheet HTML 100Page - Microchip Technology PIC18F258 Datasheet HTML 101Page - Microchip Technology PIC18F258 Datasheet HTML 102Page - Microchip Technology PIC18F258 Datasheet HTML 103Page - Microchip Technology PIC18F258 Datasheet HTML 104Page - Microchip Technology PIC18F258 Datasheet HTML 105Page - Microchip Technology PIC18F258 Datasheet HTML 106Page - Microchip Technology PIC18F258 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 402 page
background image
 2004 Microchip Technology Inc.
DS41159D-page 101
PIC18FXX8
TABLE 9-5:
PORTC FUNCTIONS
TABLE 9-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit#
Buffer Type
Function
RC0/T1OSO/T1CKI
bit 0
ST
Input/output port pin, Timer1 oscillator output or Timer1/Timer3 clock
input.
RC1/T1OSI
bit 1
ST
Input/output port pin or Timer1 oscillator input.
RC2/CCP1
bit 2
ST
Input/output port pin or Capture 1 input/Compare 1 output/
PWM1 output.
RC3/SCK/SCL
bit 3
ST
Input/output port pin or synchronous serial clock for SPI™/I2C™.
RC4/SDI/SDA
bit 4
ST
Input/output port pin or SPI data in (SPI mode) or data I/O (I2C mode).
RC5/SDO
bit 5
ST
Input/output port pin or synchronous serial port data output.
RC6/TX/CK
bit 6
ST
Input/output port pin, addressable USART asynchronous transmit or
addressable USART synchronous clock.
RC7/RX/DT
bit 7
ST
Input/output port pin, addressable USART asynchronous receive or
addressable USART synchronous data.
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
LATC
LATC Data Output Register
xxxx xxxx
uuuu uuuu
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
Legend: x = unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com