Electronic Components Datasheet Search
  English  ▼

X  

AXIOM1000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM1000
Description  UHF Ultra-Low Phase Noise OCXO in Connectorized Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM1000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM1000 Datasheet HTML 1Page - Advanced XTAL Products AXIOM1000 Datasheet HTML 2Page - Advanced XTAL Products AXIOM1000 Datasheet HTML 3Page - Advanced XTAL Products AXIOM1000 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM1000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM1000
Rev.: 1
Date: 2014-08-26
Oscillator type:
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
300
1500
MHz
Standard frequencies
1000.000
MHz
Frequency stability
Initial tolerance @ +25°C
±300
ppb
@ VC = 5.0 V
vs. operating temperature range
Option 1 & 2
See tables 1 & 2
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±5
ppb
RL ±5%
Long term (aging) per day
±1
±2
ppb
after 30 days operation
Long term (aging) 1
st year
±100
±200
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±1
±2
ppm
EFC voltage VC
1.0
5.0
9.0
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+11
+13
+15
dBm
(Note 2)
Harmonics
-40
-35
dBc
Sub-harmonics (multiples of fOUT/10)
-45
-40
dBc
(Note 3)
Spurious
-90
dBc
Warm-up time @ +25°C
5
min
∆ffinal/f0 < ±0.1 ppm
Phase noise @ 1000 MHz (Note 4)
-115
-143
-150
-110
-140
-145
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
Supply voltage VS
11.4
12.0
12.6
V
(Note 5)
Current consumption (steady state)
300
mA
@ +25°C
Current consumption (warm-up)
700
mA
Enclosure (see drawing) (LxWxH)
50.0x50.0x21.0 max.
mm
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other output level on request
3.
Depending on frequency multiplication factor may be lower or higher than 10
4.
Please consult factory for phase noise of other frequencies
5.
Other supply voltages on request


Similar Part No. - AXIOM1000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
   OCXO in SMD package
AXIOM10-23 AXTAL-AXIOM10-23 Datasheet
100Kb / 2P
   High Stability SMD OCXO with HCMOS Output
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
   High-performance OCXO in SMD package
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
   OCXO in SMD package for Stratum III and Stratum IIIe
More results

Similar Description - AXIOM1000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
   VHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
   UHF Low Phase Noise VCXO in connectorized package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
   VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXPLO2600 AXTAL-AXPLO2600 Datasheet
192Kb / 4P
   UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
AXIOM95LP AXTAL-AXIOM95LP Datasheet
129Kb / 5P
   VHF OCXO in Low Profile Connectorized Package
AXLE2000 AXTAL-AXLE2000 Datasheet
105Kb / 4P
   SHF Low Phase Noise TCXO in Connectorized Package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
   Ultra-Low Noise OCXO in Eurocase package
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com