Electronic Components Datasheet Search
  English  ▼

X  

AXIOM5050 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM5050
Description  VHF Ultra-Low Phase Noise OCXO in Connectorized Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM5050 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM5050 Datasheet HTML 1Page - Advanced XTAL Products AXIOM5050 Datasheet HTML 2Page - Advanced XTAL Products AXIOM5050 Datasheet HTML 3Page - Advanced XTAL Products AXIOM5050 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM5050 Rev.4
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM5050
Rev.: 4
Date: 2014-04-26
Oscillator type:
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
50
150
MHz
Standard frequencies
100.000/120.000
MHz
Frequency stability
Initial tolerance @ +25°C
±300
ppb
@ VC = 5.0 V
vs. operating temperature range
Option 2 & 3
See tables 2 & 3
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±5
ppb
RL ±5%
Long term (aging) per day
±1
±2
ppb
after 30 days operation
Long term (aging) 1
st year
±100
±200
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±1
±2
ppm
EFC voltage VC
0
5.0
10.0
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
±5%
Output level (Note 2)
+7
dBm
Harmonics
-30
dBc
Spurious
-90
dBc
Warm-up time @ +25°C
3
5
min
∆ffinal/f0 < ±0.1 ppm
Phase noise @ 100 MHz and 120 MHz
See table 1
Option 1
Supply voltage VS (Note 3)
11.4
12.0
12.6
V
Current consumption (steady state)
300
mA
@ +25°C
Current consumption (warm-up)
500
mA
Enclosure (see drawing) (LxWxH)
50.0x50.0x21.0 max.
mm
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other output level on request
3.
Other supply voltage on request
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
15
V
VC to GND
Storage Temperature
-55
+125
°C


Similar Part No. - AXIOM5050

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM5050M AXTAL-AXIOM5050M Datasheet
158Kb / 4P
   Low Phase Noise OCXO with Multiple Outputs
AXIOM5050ULN AXTAL-AXIOM5050ULN Datasheet
115Kb / 4P
   OCXO with Ultra-Low Phase Noise Floor of -180 dBc/Hz
More results

Similar Description - AXIOM5050

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM95LP AXTAL-AXIOM95LP Datasheet
129Kb / 5P
   VHF OCXO in Low Profile Connectorized Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
   VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIOM50 AXTAL-AXIOM50 Datasheet
92Kb / 2P
   VHF OCXO - Ultra low noise
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
   UHF Low Phase Noise VCXO in connectorized package
AXLE2000 AXTAL-AXLE2000 Datasheet
105Kb / 4P
   SHF Low Phase Noise TCXO in Connectorized Package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
   Ultra-Low Noise OCXO in Eurocase package
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com