Electronic Components Datasheet Search
  English  ▼

X  

IS25LP080D-JTLE Datasheet(PDF) 106 Page - Integrated Silicon Solution, Inc

Part # IS25LP080D-JTLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP080D-JTLE Datasheet(HTML) 106 Page - Integrated Silicon Solution, Inc

Back Button IS25LP080D-JTLE Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE Datasheet HTML 108Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
IS25LP080D
IS25WP080D/040D/020D
Integrated Silicon Solution, Inc.- www.issi.com
106
Rev. A
09/02/2016
11. ORDERING INFORMATION - Valid Part Numbers
IS25LP 080 D
-
J
B
L
E
TEMPERATURE RANGE
E = Extended (-40°C to +105°C)
E1 = Extended+ (-40°C to +125°C) (Call Factory)
A1 = Automotive Grade (-40°C to +85°C)
A2 = Automotive Grade (-40°C to +105°C)
A3 = Automotive Grade (-40°C to +125°C)
PACKAGING CONTENT
L = RoHS compliant
PACKAGE Type (1)
B = 8-pin SOIC 208mil
N = 8-pin SOIC 150mil
V = 8-pin VVSOP 150mil
T = 8-contact USON 4x3mm
U = 8-contact USON 2x3mm
K = 8-contact WSON 6x5mm
W = KGD (Call Factory)
Option
J = Standard
Die Revision
D = Revision D
Density
080 = 8 Megabit
040 = 4 Megabit (Call Factory)
020 = 2 Megabit (Call Factory)
BASE PART NUMBER
IS = Integrated Silicon Solution Inc.
25LP = FLASH, 2.30V ~ 3.60V, QPI
25WP = FLASH, 1.65V ~ 1.95V, QPI
Note:
1. Call Factory for other package options available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com