Electronic Components Datasheet Search
  English  ▼

X  

OMAP3530ECBBA Datasheet(PDF) 251 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 251 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 247Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 248Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 249Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 250Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 251Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 252Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 253Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 254Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 255Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 265 page
background image
sdti_clk
sdti_txd[3:0]
Header
Header
Ad[7:4]
Ad[3:0] Da[15:12] Da[11:8]
Da[7:4]
Da[3:0]
SD1
SD2
SD3
SD3
030-111
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-143. System Debug Trace Interface Timing Conditions – Dual-Edge Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Output Conditions
CLOAD
Output load capacitance
25
pF
Table 6-144. System Debug Trace Interface Switching Characteristics – Dual-Edge Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
SD1
tc(CLK)
Cycle time, sdti_clk period
29
29
ns
SD2
tw(CLK)
Typical pulse duration, sdti_clk high or low
0.5*P(1)
0.5*P(1)
ns
tdc(CLK)
Duty cycle error, sdti_clk
–1.2
1.2
–1.2
1.2
ns
tR(CLK)
Rise time, sdti_clk
5
5
ns
tF(CLK)
Fall time, sdti_clk
5
5
ns
SD3
td(CLK-TxD)
Delay time, sdti_clk
Multiplexing mode on etk pins
2.3
10.9
2.3
10.9
ns
transition to sdti_txd[3:0]
Multiplexing mode on
2.3
13.9
2.3
13.9
transition
jtag_emu pins
tR(CLK)
Rise time, sdti_txd[3:0]
5
5
ns
tF(CLK)
Fall time, sdti_txd[3:0]
5
5
ns
(1)
P = sdti_clk clock period
Figure 6-70. System Debug Trace Interface – Dual-Edge Mode
6.8.2.2
System Debug Trace Interface in Single-Edge Mode
Table 6-146 assumes testing over the recommended operating conditions and electrical characteristic
conditions (see Figure 6-71).
Table 6-145. System Debug Trace Interface Timing Conditions – Single-Edge Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Output Conditions
CLOAD
Output load capacitance
25
pF
Table 6-146. System Debug Trace Interface Switching Characteristics – Single-Edge Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
SD1
tc(CLK)
Cycle time, sdti_clk period
29
29
ns
SD2
tw(CLK)
Typical pulse duration, sdti_clk high or low
0.5*P(1)
0.5*P(1)
ns
tdc(CLK)
Duty cycle error, sdti_clk
–1.2
1.2
–1.2
1.2
ns
tR(CLK)
Rise time, sdti_clk
5
5
ns
tF(CLK)
Fall time, sdti_clk
5
5
ns
SD3
td(CLK-TxD)
Delay time, sdti_clk
Multiplexing mode on etk pins
2.3
26.5
2.3
26.5
ns
transition to sdti_txd[3:0]
Multiplexing mode on jtag_emu
2.3
33.2
2.3
33.2
transition
pins
tR(CLK)
Rise time, sdti_txd[3:0]
5
5
ns
(1)
P = sdti_clk clock period.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
251
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com